Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZL40220LDF1 Datasheet(PDF) 20 Page - Microsemi Corporation

Part # ZL40220LDF1
Description  Precision 2:6 LVDS Fanout Buffer with Glitch-free Input Reference Switching
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

ZL40220LDF1 Datasheet(HTML) 20 Page - Microsemi Corporation

Back Button ZL40220LDF1 Datasheet HTML 16Page - Microsemi Corporation ZL40220LDF1 Datasheet HTML 17Page - Microsemi Corporation ZL40220LDF1 Datasheet HTML 18Page - Microsemi Corporation ZL40220LDF1 Datasheet HTML 19Page - Microsemi Corporation ZL40220LDF1 Datasheet HTML 20Page - Microsemi Corporation ZL40220LDF1 Datasheet HTML 21Page - Microsemi Corporation ZL40220LDF1 Datasheet HTML 22Page - Microsemi Corporation ZL40220LDF1 Datasheet HTML 23Page - Microsemi Corporation ZL40220LDF1 Datasheet HTML 24Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
Additive Jitter at 2.5 V*
Output Frequency (MHz)
Jitter
Measurement
Filter
Typical
RMS (fs)
Notes
1
125
12 kHz - 20 MHz
261
2
212.5
12 kHz - 20 MHz
249
3
311.04
12 kHz - 20 MHz
215
4
425
12 kHz - 20 MHz
189
5
500
12 kHz - 20 MHz
201
6
622.08
12 kHz - 20 MHz
194
7
750
12 kHz - 20 MHz
205
Additive Jitter at 3.3 V*
Output Frequency (MHz)
Jitter
Measurement
Filter
Typical
RMS (fs)
Notes
1
125
12 kHz - 20 MHz
268
2
212.5
12 kHz - 20 MHz
251
3
311.04
12 kHz - 20 MHz
229
4
425
12 kHz - 20 MHz
220
5
500
12 kHz - 20 MHz
197
6
622.08
12 kHz - 20 MHz
194
7
750
12 kHz - 20 MHz
203
ZL40220
Data Sheet
20
Microsemi Corporation
5.0
Performance Characterization
*The values in this table were taken with an approximate slew rate of 0.8 V/ns.
*The values in this table were taken with an approximate slew rate of 0.8 V/ns.
Additive Jitter from a Power Supply Tone*
Carrier frequency
Parameter
Typical
Units
Notes
125MHz
25 mV at 100 kHz
37
fs RMS
750MHz
25 mV at 100 kHz
40
fs RMS
* The values in this table are the additive periodic jitter caused by an interfering tone typically caused by a switching power supply. For this test,
measurements were taken over the full temperature and voltage range for VDD = 3.3 V. The magnitude of the interfering tone is measured at the
DUT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com