Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZL40220LDF1 Datasheet(PDF) 5 Page - Microsemi Corporation

Part # ZL40220LDF1
Description  Precision 2:6 LVDS Fanout Buffer with Glitch-free Input Reference Switching
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

ZL40220LDF1 Datasheet(HTML) 5 Page - Microsemi Corporation

  ZL40220LDF1 Datasheet HTML 1Page - Microsemi Corporation ZL40220LDF1 Datasheet HTML 2Page - Microsemi Corporation ZL40220LDF1 Datasheet HTML 3Page - Microsemi Corporation ZL40220LDF1 Datasheet HTML 4Page - Microsemi Corporation ZL40220LDF1 Datasheet HTML 5Page - Microsemi Corporation ZL40220LDF1 Datasheet HTML 6Page - Microsemi Corporation ZL40220LDF1 Datasheet HTML 7Page - Microsemi Corporation ZL40220LDF1 Datasheet HTML 8Page - Microsemi Corporation ZL40220LDF1 Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
ZL40220
Data Sheet
5
Microsemi Corporation
1.0
Package Description
The device is packaged in a 32 pin QFN
26
28
30
32
12
10
8
6
4
2
vdd
out5_p
out4_n
out5_n
NC
out1_n
sel
out0_n
out1_p
14
16
18
22
24
20
gnd
vdd
out0_p
out4_p
gnd
gnd (E-pad)
vdd
vdd
Figure 2 - Pin Connections



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com