Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZL40220LDF1 Datasheet(PDF) 7 Page - Microsemi Corporation

Part # ZL40220LDF1
Description  Precision 2:6 LVDS Fanout Buffer with Glitch-free Input Reference Switching
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

ZL40220LDF1 Datasheet(HTML) 7 Page - Microsemi Corporation

Back Button ZL40220LDF1 Datasheet HTML 3Page - Microsemi Corporation ZL40220LDF1 Datasheet HTML 4Page - Microsemi Corporation ZL40220LDF1 Datasheet HTML 5Page - Microsemi Corporation ZL40220LDF1 Datasheet HTML 6Page - Microsemi Corporation ZL40220LDF1 Datasheet HTML 7Page - Microsemi Corporation ZL40220LDF1 Datasheet HTML 8Page - Microsemi Corporation ZL40220LDF1 Datasheet HTML 9Page - Microsemi Corporation ZL40220LDF1 Datasheet HTML 10Page - Microsemi Corporation ZL40220LDF1 Datasheet HTML 11Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
ZL40220
Data Sheet
7
Microsemi Corporation
3.0
Functional Description
The ZL40220 is an LVDS clock fanout buffer with six identical output clock drivers capable of operating at
frequencies up to 750MHz.
The two Inputs to the ZL40220 are externally terminated to allow use of precision termination components and to
allow full flexibility of input termination. The ZL40220 can accept DC coupled LVPECL or LVDS and AC coupled
LVPECL, LVDS, CML or HCSL input signals; single ended input signals can also be accepted. A pin compatible
device with internal termination is also available.
The ZL40220 is designed to fan out low-jitter reference clocks for wired or optical communications applications
while adding minimal jitter to the clock signal. An internal linear power supply regulator and bulk capacitors
minimize additive jitter due to power supply noise. The device operates from 2.5V+/-5% or 3.3V+/-5% supply. Its
operation is guaranteed over the industrial temperature range -40°C to +85°C.
The device block diagram is shown in Figure 1; its operation is described in the following sections.
3.1
Clock Input Selection
The select line chooses which input clock is routed to the outputs.
Table 1 - Input Selection
Sel
Active Input
0
clk0
1
clk1
The following figure shows the expected clock switching performance. The output stops at the first falling edge of
the initial clock after the select pin changes state. During switching there will be a short time when the output clock
is not toggling. After this delay, the output will start toggling again with a rising edge of the newly selected clock.
This behavior is independent of the frequencies of the input clocks. For instance, the two clocks could be at
different frequencies and the behavior would still be consistent with this figure.
2 µs
clk0
clk1
sel
outn
1
0
Figure 3 - Output During Clock Switch - Both Clocks Running



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com