Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZL40220LDF1 Datasheet(PDF) 12 Page - Microsemi Corporation

Part # ZL40220LDF1
Description  Precision 2:6 LVDS Fanout Buffer with Glitch-free Input Reference Switching
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

ZL40220LDF1 Datasheet(HTML) 12 Page - Microsemi Corporation

Back Button ZL40220LDF1 Datasheet HTML 8Page - Microsemi Corporation ZL40220LDF1 Datasheet HTML 9Page - Microsemi Corporation ZL40220LDF1 Datasheet HTML 10Page - Microsemi Corporation ZL40220LDF1 Datasheet HTML 11Page - Microsemi Corporation ZL40220LDF1 Datasheet HTML 12Page - Microsemi Corporation ZL40220LDF1 Datasheet HTML 13Page - Microsemi Corporation ZL40220LDF1 Datasheet HTML 14Page - Microsemi Corporation ZL40220LDF1 Datasheet HTML 15Page - Microsemi Corporation ZL40220LDF1 Datasheet HTML 16Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
VDD
VDD_driver
VDD
ZL40220
clk_p
clk_n
CMOS
Driver
R2
C
RA
R3
R1
Figure 12 - CMOS Input DC Coupled Referenced to Ground
Table 2 - Component Values for Single Ended Input Reference to Ground
VDD_driver
R1 (kΩ)
R2 (kΩ)
R3 (kΩ)
RA (kΩ)
C (pF)
1.5
1.25
3.075
open
10
10
1.8
1
3.8
open
10
10
2.5
0.33
4.2
open
10
10
3.3
0.75
open
4.2
10
10
ZL40220
Data Sheet
12
Microsemi Corporation
* For frequencies below 100 MHz, increase C to avoid signal integrity issues.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com