Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZL40220LDF1 Datasheet(PDF) 21 Page - Microsemi Corporation

Part # ZL40220LDF1
Description  Precision 2:6 LVDS Fanout Buffer with Glitch-free Input Reference Switching
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

ZL40220LDF1 Datasheet(HTML) 21 Page - Microsemi Corporation

Back Button ZL40220LDF1 Datasheet HTML 16Page - Microsemi Corporation ZL40220LDF1 Datasheet HTML 17Page - Microsemi Corporation ZL40220LDF1 Datasheet HTML 18Page - Microsemi Corporation ZL40220LDF1 Datasheet HTML 19Page - Microsemi Corporation ZL40220LDF1 Datasheet HTML 20Page - Microsemi Corporation ZL40220LDF1 Datasheet HTML 21Page - Microsemi Corporation ZL40220LDF1 Datasheet HTML 22Page - Microsemi Corporation ZL40220LDF1 Datasheet HTML 23Page - Microsemi Corporation ZL40220LDF1 Datasheet HTML 24Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
ZL40220
Data Sheet
21
Microsemi Corporation
6.0
Typical Behavior
Typical Waveform at 155.52 MHz
VOD vs Frequency
Power Supply Tone Frequency versus PSRR
Power Supply Tone Magnitude versus PSRR
Propagation Delay versus Temperature
Note: This is for a single device. For more details, see the
characterization section.
-0.2
-0.15
-0.1
-0.05
0
0.05
0.1
0.15
0.2
0
5
10
15
20
Time (ns)
0.3
0.31
0.32
0.33
0.34
0.35
0
100
200
300
400
500
600
700
800
Frequency (MHz)
-90
-85
-80
-75
-70
-65
-60
100
150
200
250
300
350
400
450
500
Tone Frequency (kHz)
125 MHz
212.5 MHz
425 MHz
750 MHz
-100
-95
-90
-85
-80
-75
-70
-65
-60
-55
-50
20
30
40
50
60
70
80
90
100
Tone Magnitude (mV)
125 MHz
212.5 MHz
425 MHz
750 MHz
0.6
0.65
0.7
0.75
0.8
0.85
0.9
-40
-20
0
20
40
60
80
100
Temperature ( C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com