Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZL40220LDF1 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # ZL40220LDF1
Description  Precision 2:6 LVDS Fanout Buffer with Glitch-free Input Reference Switching
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

ZL40220LDF1 Datasheet(HTML) 1 Page - Microsemi Corporation

  ZL40220LDF1 Datasheet HTML 1Page - Microsemi Corporation ZL40220LDF1 Datasheet HTML 2Page - Microsemi Corporation ZL40220LDF1 Datasheet HTML 3Page - Microsemi Corporation ZL40220LDF1 Datasheet HTML 4Page - Microsemi Corporation ZL40220LDF1 Datasheet HTML 5Page - Microsemi Corporation ZL40220LDF1 Datasheet HTML 6Page - Microsemi Corporation ZL40220LDF1 Datasheet HTML 7Page - Microsemi Corporation ZL40220LDF1 Datasheet HTML 8Page - Microsemi Corporation ZL40220LDF1 Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
1
Microsemi Corporation
Copyright 2014, Microsemi Corporation, All Rights Reserved.
Features
Inputs/Outputs
• Accepts two differential or single-ended inputs
• LVPECL, LVDS, CML, HCSL, LVCMOS
• Glitch-free switching of references
• Six precision LVDS outputs
• Operating frequency up to 750 MHz
Power
• Option for 2.5 V or 3.3 V power supply
• Current consumption of 95 mA
• On-chip Low Drop Out (LDO) Regulator for superior
power supply rejection
Performance
• Ultra low additive jitter of 194 fs RMS
Applications
• General purpose clock distribution
• Low jitter clock trees
• Logic translation
• Clock and data signal restoration
• Redundant clock distribution
• Wired communications: OTN, SONET/SDH, GE,
10 GE, FC and 10G FC
• PCI Express generation 1/2/3 clock distribution
• Wireless communications
• High performance microprocessor clock
distribution
April 2014
Figure 1 - Functional Block Diagram
clk0_p
clk0_n
sel
clk1_p
clk1_n
out5_p
out5_n
out4_p
out4_n
out3_p
out3_n
out2_p
out2_n
out1_p
out1_n
out0_p
out0_n
Buffer
ZL40220
Precision 2:6 LVDS Fanout Buffer with
Glitch-free Input Reference Switching
Data Sheet
Ordering Information
ZL40220LDG1 32 Pin QFN
Trays
ZL40220LDF1 32 Pin QFN
Tape and Reel
Matte Tin
Package size: 5 x 5 mm
-40oC to +85oC


Similar Part No. - ZL40220LDF1

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
ZL40221 MICROSEMI-ZL40221 Datasheet
818Kb / 24P
Precision 2:6 LVDS Fanout Buffer with Glitchfree Input Reference Switching and On-Chip Input Termination
April 2014
ZL40221LDF1 MICROSEMI-ZL40221LDF1 Datasheet
818Kb / 24P
Precision 2:6 LVDS Fanout Buffer with Glitchfree Input Reference Switching and On-Chip Input Termination
April 2014
ZL40221LDG1 MICROSEMI-ZL40221LDG1 Datasheet
818Kb / 24P
Precision 2:6 LVDS Fanout Buffer with Glitchfree Input Reference Switching and On-Chip Input Termination
April 2014
ZL40222 MICROSEMI-ZL40222 Datasheet
518Kb / 24P
Precision 2:8 LVDS Fanout Buffer with Glitch-free Input Reference Switching
April 2014
ZL40222LDF1 MICROSEMI-ZL40222LDF1 Datasheet
518Kb / 24P
Precision 2:8 LVDS Fanout Buffer with Glitch-free Input Reference Switching
April 2014
More results

Similar Description - ZL40220LDF1

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89828L MICREL-SY89828L Datasheet
129Kb / 13P
3.3V 1GHz DUAL 1:10 PRECISION LVDS FANOUT BUFFER/TRANSLATOR WITH 2:1 INPUT MUX
SY58608U MICREL-SY58608U Datasheet
282Kb / 12P
3.2Gbps Precision, 1:2 LVDS Fanout Buffer with Internal Termination and Fail Safe Input
SY89826L MICREL-SY89826L Datasheet
122Kb / 10P
3.3V 1GHz PRECISION 1:22 LVDS FANOUT BUFFER/TRANSLATOR WITH 2:1 INPUT MUX
SY89838U MICREL-SY89838U Datasheet
417Kb / 16P
Precision 1:8 LVDS Clock Fanout Buffer with 2:1 Runt Pulse Eliminator Input MUX
SY89828L MICREL-SY89828L_08 Datasheet
163Kb / 13P
3.3V 1GHz DUAL 1:10 PRECISION LVDS FANOUT BUFFER/TRANSLATOR WITH 2:1 INPUT MUX
SY89838U MICREL-SY89838U_10 Datasheet
349Kb / 16P
Precision 1:8 LVDS Clock Fanout Buffer
SY58608U MICREL-SY58608U_10 Datasheet
677Kb / 12P
3.2Gbps Precision, 1:2 LVDS Fanout Buffer
SY58608U MICREL-SY58608U_14 Datasheet
918Kb / 14P
3.2Gbps Precision, 1:2 LVDS Fanout Buffer with Internal Termination and Fail Safe Input
logo
ON Semiconductor
NB6N11S ONSEMI-NB6N11S Datasheet
229Kb / 10P
Input to LVDS Fanout Buffer
November, 2014 ??Rev. 7
logo
Microsemi Corporation
ZL40221 MICROSEMI-ZL40221 Datasheet
818Kb / 24P
Precision 2:6 LVDS Fanout Buffer with Glitchfree Input Reference Switching and On-Chip Input Termination
April 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com