Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZL40220LDF1 Datasheet(PDF) 8 Page - Microsemi Corporation

Part # ZL40220LDF1
Description  Precision 2:6 LVDS Fanout Buffer with Glitch-free Input Reference Switching
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

ZL40220LDF1 Datasheet(HTML) 8 Page - Microsemi Corporation

Back Button ZL40220LDF1 Datasheet HTML 4Page - Microsemi Corporation ZL40220LDF1 Datasheet HTML 5Page - Microsemi Corporation ZL40220LDF1 Datasheet HTML 6Page - Microsemi Corporation ZL40220LDF1 Datasheet HTML 7Page - Microsemi Corporation ZL40220LDF1 Datasheet HTML 8Page - Microsemi Corporation ZL40220LDF1 Datasheet HTML 9Page - Microsemi Corporation ZL40220LDF1 Datasheet HTML 10Page - Microsemi Corporation ZL40220LDF1 Datasheet HTML 11Page - Microsemi Corporation ZL40220LDF1 Datasheet HTML 12Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
ZL40220
Data Sheet
8
Microsemi Corporation
3.2
Clock Input Termination
The ZL40220 is adaptable to support different types of differential and singled-ened input signals depending on the
passive components used in the input termination. The application diagrams in the following figures allow the
ZL40220 to accept LVPECL, LVDS, CML, HCSL and single-ended inputs.
50 
Ohms
50 
Ohms
VDD_driver
VDD
VDD_driver=3.3V: R1 = 50 ohm
Not recommended for VDD_driver=2.5V
ZL40220
clk_p
clk_n
Zo = 50 Ohms
Zo = 50 Ohms
R1
LVPECL
Driver
Figure 4 - LVPECL Input DC Coupled Thevenin Equivalent
VDD_driver
R2
R2
R1
R1
VDD_driver
VDD
For VDD_Rx =3.3V: R1=82 Ohms,  R2=127 Ohms
For VDD_Rx=2.5V:R1= 62.5 Ohms, R2= 250 Ohms
ZL40220
clk_p
clk_n
Zo = 50 Ohms
Zo = 50 Ohms
LVPECL
Driver
Figure 5 - LVPECL Input DC Coupled Parallel Termination



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com