Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZL40220LDF1 Datasheet(PDF) 6 Page - Microsemi Corporation

Part # ZL40220LDF1
Description  Precision 2:6 LVDS Fanout Buffer with Glitch-free Input Reference Switching
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

ZL40220LDF1 Datasheet(HTML) 6 Page - Microsemi Corporation

Back Button ZL40220LDF1 Datasheet HTML 2Page - Microsemi Corporation ZL40220LDF1 Datasheet HTML 3Page - Microsemi Corporation ZL40220LDF1 Datasheet HTML 4Page - Microsemi Corporation ZL40220LDF1 Datasheet HTML 5Page - Microsemi Corporation ZL40220LDF1 Datasheet HTML 6Page - Microsemi Corporation ZL40220LDF1 Datasheet HTML 7Page - Microsemi Corporation ZL40220LDF1 Datasheet HTML 8Page - Microsemi Corporation ZL40220LDF1 Datasheet HTML 9Page - Microsemi Corporation ZL40220LDF1 Datasheet HTML 10Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
ZL40220
Data Sheet
6
Microsemi Corporation
2.0
Pin Description
Pin #
Name
Description
1, 4,
5, 8
clk0_p, clk0_n,
clk1_p, clk1_n
Differential Input (Analog Input). Differential (or singled ended) input signals. For all
input signal configuration see Section 3.2, “Clock Input Termination“.
29, 28,
27, 26,
22, 21,
20, 19,
15, 14,
13, 12
out0_p, out0_n
out1_p, out1_n
out2_p, out2_n
out3_p, out3_n
out4_p, out4_n
out5_p, out5_n
Differential Output (Analog Output). Differential outputs.
11, 16,
18, 23,
25, 30
vdd
Positive Supply Voltage. 2.5VDC or 3.3 VDC nominal.
9, 17,
24, 32
gnd
Ground. 0 V.
31
sel
Input Select (Input). Selects the reference input that is buffered;
0: clk0
1: clk1
This pin is internally pulled down to GND.
2, 3,
6, 7,
10
NC
No Connection. Leave unconnected.
Exposed Pad
Device GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com