Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZL40292 Datasheet (PDF) - Microsemi Corporation

ZL40292 Datasheet PDF - Microsemi Corporation
Part # ZL40292
Download  ZL40292 Download
File Size   928.67 Kbytes
Page   28 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description 20-Output DB2000Q Buffer with Ultra Low Additive Jitter

ZL40292 Datasheet (PDF)

Go To PDF Page Download Datasheet
ZL40292 Datasheet PDF - Microsemi Corporation

Part # ZL40292
Download  ZL40292 Click to download

File Size   928.67 Kbytes
Page   28 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description 20-Output DB2000Q Buffer with Ultra Low Additive Jitter

ZL40292 Datasheet (HTML) - Microsemi Corporation


ZL40292 Product details

Features
• Fully Compliant with Intel DB2000Q Specification
• 20 Low-Power Push-Pull HCSL PCIe Outputs
• Ultra-low additive jitter: 20fs maximum
• Supports clock frequencies from 0 to 250MHz
• Supports 3.3V power supplies
• Embedded Low Drop Out (LDO) Voltage regulator
provides superior Power Supply Noise Rejection
• Maximum output to output skew of 50ps
• SMBus Interface
• Eight OE pins
• Embedded series terminations adjusted for 85Ω
differential transmission line
• Transparent for Spread-Spectrum Clock

Applications
• PCI Express generation 1/2/3/4/5 clock distribution
• Intel QPI
• Servers
• Storage and Data Centers
• Switches and Routers




Similar Part No. - ZL40292

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
ZL40293 MICROSEMI-ZL40293 Datasheet
902Kb / 29P
20-Output PCIe Gen 1, 2 ,3, 4 and 5 Buffer with Ultra-Low Additive Jitter
March 2019
ZL40293LDF1 MICROSEMI-ZL40293LDF1 Datasheet
902Kb / 29P
20-Output PCIe Gen 1, 2 ,3, 4 and 5 Buffer with Ultra-Low Additive Jitter
March 2019
ZL40293LDG1 MICROSEMI-ZL40293LDG1 Datasheet
902Kb / 29P
20-Output PCIe Gen 1, 2 ,3, 4 and 5 Buffer with Ultra-Low Additive Jitter
March 2019
logo
Microchip Technology
ZL40294 MICROCHIP-ZL40294 Datasheet
3Mb / 46P
20-Output DB2000QL Buffer with Ultra-Low Additive Jitter
05-12-23
ZL40294LDF6 MICROCHIP-ZL40294LDF6 Datasheet
3Mb / 46P
20-Output DB2000QL Buffer with Ultra-Low Additive Jitter
05-12-23
More results


Similar Description - ZL40292

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMK00308 TI1-LMK00308_16 Datasheet
2Mb / 42P
3-GHz 8-Output Ultra-Low Additive Jitter Differential Clock Buffer/Level Translator
LMK00301 TI1-LMK00301_17 Datasheet
2Mb / 39P
3-GHz 10-Output Ultra-Low Additive Jitter Differential Clock Buffer/Level Translator
LMK1D1204 TI-LMK1D1204 Datasheet
1Mb / 35P
LMK1D120x Low Additive Jitter LVDS Buffer
REVISED AUGUST 2021
LMK1D1212 TI-LMK1D1212 Datasheet
3Mb / 36P
LMK1D121x Low Additive Jitter LVDS Buffer
SNAS823 ??OCTOBER 2021
LMK1D2102 TI-LMK1D2102 Datasheet
2Mb / 33P
LMK1D210x Low Additive Jitter LVDS Buffer
SNAS822 ??SEPTEMBER 2021
LMK1D2106 TI-LMK1D2106 Datasheet
3Mb / 37P
LMK1D210x Low Additive Jitter LVDS Buffer
SNAS829 ??OCTOBER 2021
logo
Microsemi Corporation
ZL40240 MICROSEMI-ZL40240 Datasheet
1Mb / 34P
Ten LVCMOS Output Low Additive Jitter Fanout Buffer
February 2017
ZL40241 MICROSEMI-ZL40241 Datasheet
745Kb / 23P
Ten LVCMOS Output Low Additive Jitter Fanout Buffer
October 2018
ZL40293 MICROSEMI-ZL40293 Datasheet
902Kb / 29P
20-Output PCIe Gen 1, 2 ,3, 4 and 5 Buffer with Ultra-Low Additive Jitter
March 2019
logo
Microchip Technology
ZL40294 MICROCHIP-ZL40294 Datasheet
3Mb / 46P
20-Output DB2000QL Buffer with Ultra-Low Additive Jitter
05-12-23
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com