Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZL40293LDF1 Datasheet (PDF) - Microsemi Corporation

ZL40293LDF1 Datasheet PDF - Microsemi Corporation
Part # ZL40293LDF1
Download  ZL40293LDF1 Download
File Size   902.53 Kbytes
Page   29 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description 20-Output PCIe Gen 1, 2 ,3, 4 and 5 Buffer with Ultra-Low Additive Jitter

ZL40293LDF1 Datasheet (PDF)

Go To PDF Page Download Datasheet
ZL40293LDF1 Datasheet PDF - Microsemi Corporation

Part # ZL40293LDF1
Download  ZL40293LDF1 Click to download

File Size   902.53 Kbytes
Page   29 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description 20-Output PCIe Gen 1, 2 ,3, 4 and 5 Buffer with Ultra-Low Additive Jitter

ZL40293LDF1 Datasheet (HTML) - Microsemi Corporation


ZL40293LDF1 Product details

Features
• Fully Compliant with PCIe 1, 2, 3, 4 and 5
Specifications
• 20 Low-Power Push-Pull HCSL PCIe Outputs
• Ultra-low additive jitter: 10fs maximum
• Supports clock frequencies from 0 to 250MHz
• Supports 3.3V power supplies
• Embedded Low Drop Out (LDO) Voltage regulator
provides superior Power Supply Noise Rejection
• Maximum output to output skew of 50ps
• SMBus Interface
• Eight OE pins
• Embedded series terminations adjusted for 100Ω
differential transmission line
• Transparent for Spread-Spectrum Clock

Applications
• PCI Express generation 1/2/3/4/5 clock distribution
• Intel QPI
• Servers
• Storage and Data Centers
• Switches and Routers




Similar Part No. - ZL40293LDF1

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
ZL40292 MICROSEMI-ZL40292 Datasheet
928Kb / 28P
20-Output DB2000Q Buffer with Ultra Low Additive Jitter
March 2019
ZL40292LDF1 MICROSEMI-ZL40292LDF1 Datasheet
928Kb / 28P
20-Output DB2000Q Buffer with Ultra Low Additive Jitter
March 2019
ZL40292LDG1 MICROSEMI-ZL40292LDG1 Datasheet
928Kb / 28P
20-Output DB2000Q Buffer with Ultra Low Additive Jitter
March 2019
logo
Microchip Technology
ZL40294 MICROCHIP-ZL40294 Datasheet
3Mb / 46P
20-Output DB2000QL Buffer with Ultra-Low Additive Jitter
05-12-23
ZL40294LDF6 MICROCHIP-ZL40294LDF6 Datasheet
3Mb / 46P
20-Output DB2000QL Buffer with Ultra-Low Additive Jitter
05-12-23
More results


Similar Description - ZL40293LDF1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCLVD1213 TI1-CDCLVD1213 Datasheet
717Kb / 17P
1:4 Low Additive Jitter LVDS Buffer With Divider
CDCLVD2102 TI1-CDCLVD2102 Datasheet
753Kb / 20P
Dual 1:2 Low Additive Jitter LVDS Buffer
1633966 TI-1633966 Datasheet
756Kb / 20P
2:4 Low Additive Jitter LVDS Buffer
logo
Pericom Semiconductor C...
PI6CDBL402B PERICOM-PI6CDBL402B Datasheet
934Kb / 13P
4 -Output Low Power PCIE GEN 1-2-3 Buffer
logo
Texas Instruments
CDCLVD1204 TI1-CDCLVD1204_15 Datasheet
918Kb / 20P
2:4 Low Additive Jitter LVDS Buffer
LMK00304 TI1-LMK00304_16 Datasheet
2Mb / 39P
3-GHz 4-Output Ultra-Low Additive Jitter Differential Clock Buffer/Level Translator
logo
Microchip Technology
SYA75603A MICROCHIP-SYA75603A Datasheet
1Mb / 22P
2/4 Outputs Ultra-Low Additive Jitter PCIe 1/2/3/4/5 Clock Buffer for Automotive
09/14/21
SY75602A MICROCHIP-SY75602A Datasheet
1Mb / 26P
2/4 Outputs Ultra-Low Additive Jitter PCIe 1/2/3/4/5 Clock Buffer
09/14/21
logo
Microsemi Corporation
ZL40292 MICROSEMI-ZL40292 Datasheet
928Kb / 28P
20-Output DB2000Q Buffer with Ultra Low Additive Jitter
March 2019
logo
Microchip Technology
ZL40294 MICROCHIP-ZL40294 Datasheet
3Mb / 46P
20-Output DB2000QL Buffer with Ultra-Low Additive Jitter
05-12-23
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com