Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

813076I Datasheet (PDF) - Renesas Technology Corp

813076I Datasheet PDF - Renesas Technology Corp
Part # 813076I
Download  813076I Download
File Size   558.1 Kbytes
Page   24 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Frequency Generator/Jitter Attenuation Device For Wireless Infrastructure Applications

813076I Datasheet (PDF)

Go To PDF Page Download Datasheet
813076I Datasheet PDF - Renesas Technology Corp

Part # 813076I
Download  813076I Click to download

File Size   558.1 Kbytes
Page   24 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Frequency Generator/Jitter Attenuation Device For Wireless Infrastructure Applications

813076I Datasheet (HTML) - Renesas Technology Corp


813076I Product details

GENERAL DESCRIPTION
The ICS813076I is a member of the HiperClocks family of high
performance clock solutions from IDT. The ICS813076I a PLL
based synchronous clock solution that is optimized for wireless
infrastructure equipment where frequency translation and jitter
attenuation is needed.
The device contains two internal PLL stages that are cascaded
in series. The first PLL stage attenuates the reference clock
jitter by using an internal or external VCXO circuit. The internal
VCXO requires the connection of an external inexpensive pullable
crystal (XTAL) to the ICS813076I. This fi rst PLL stage (VCXO
PLL) uses external passive loop fi lter components which are used
to optimize the PLL loop bandwidth and damping characteristics
for the given application. The output of the first stage VCXO
PLL is a stable and jitter-tolerant reference input for the second
PLL stage of 30.72MHz. The second PLL stage provides
frequency translation by multiplying the output of the fi rst stage
up to 614.4MHz. The low phase noise characteristics of the clock
signal is maintained by the internal FemtoClock™ PLL, which
requires no external components or confi guration. Two independently
configurable frequency dividers translate the 491.52MHz or
614.4MHz internal VCO signal to the desired output frequencies.
All frequency translation ratios are set by device confi guration pins.
Alternative to the clock frequency multiplication functionality, the
ICS813076I can work as a VCXO. Enabling the VCXO mode allows
the output frequency of 614.4MHz/N or 491.52MHz/N to be pulled
by the input voltage of the VC pin

FEATURES
• Two operation modes: input frequency multiplier and VCXO
• Nine differential LVPECL outputs, organized in three independent output banks
• Two selectable differential input clocks can accept the following
differential input levels: LVDS, LVPECL, LVHSTL, SSTL, HCSL
• Maximum output frequency: 614.4MHz
• FemtoClock VCO frequency: 491.52MHz or 614.4MHz (typical)
• Frequency generation optimized for wireless infrastructure equipment
• Attenuates the phase jitter of the input clock signal by using a
low-cost pullable fundamental mode crystal (XTAL)
• Multiplies the input clock frequency by 1, 4, 5, 16 or 20
• LVCMOS/LVTTL levels for all input/output controls
• PLL fast-lock control
• VCXO PLL bandwidth can be optimized for jitter attenuation
and reference frequency tracking using external loop fi lter
components
• Absolute pull range: ±50ppm
• RMS phase jitter (12kHz – 20MHz): 0.97ps (typical)
• Full 3.3V supply
• -40°C to 85°C ambient operating temperature
• Available in lead-free (RoHS 6) package
• For functional replacement device use 8T49N286-dddNLGI




Similar Part No. - 813076I

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
81307 MALLORY-81307 Datasheet
824Kb / 8P
MSD 44 Amp Pro Mag Generator
logo
Festo Corporation.
8130716 FESTO-8130716 Datasheet
102Kb / 3P
Valve manifold
logo
Integrated Device Techn...
813078BYILF IDT-813078BYILF Datasheet
3Mb / 26P
FEMTOCLOCKS??VCXO-PLL FREQUENCY GENERATOR FOR WIRELESS INFRASTRUCTURE EQUIPMENT
813078BYILFT IDT-813078BYILFT Datasheet
3Mb / 26P
FEMTOCLOCKS??VCXO-PLL FREQUENCY GENERATOR FOR WIRELESS INFRASTRUCTURE EQUIPMENT
logo
Renesas Technology Corp
813078I RENESAS-813078I Datasheet
773Kb / 27P
Femtoclocks™ VCXO-PLL Frequency Generator for Wireless Infrastructure Equipment
July 29, 2016
More results


Similar Description - 813076I

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
VCO3027B CTS-VCO3027B Datasheet
169Kb / 3P
Wireless Infrastructure
VCO3030A CTS-VCO3030A Datasheet
169Kb / 3P
Wireless Infrastructure
VCO3035A CTS-VCO3035A Datasheet
170Kb / 3P
Wireless Infrastructure
VCO3062 CTS-VCO3062 Datasheet
169Kb / 3P
WIRELESS INFRASTRUCTURE
logo
Integrated Device Techn...
ICS813078I IDT-ICS813078I Datasheet
3Mb / 26P
FEMTOCLOCKS??VCXO-PLL FREQUENCY GENERATOR FOR WIRELESS INFRASTRUCTURE EQUIPMENT
logo
Silicon Laboratories
SI5315 SILABS-SI5315 Datasheet
416Kb / 54P
Provides jitter attenuation and frequency translation between SONET/PDH and Ethemet
logo
Integrated Device Techn...
IDT8V19N486-02I IDT-IDT8V19N486-02I Datasheet
234Kb / 3P
Jitter attenuation and frequency multiplication
logo
Raltron Electronics Cor...
CE2450A RALTRON-CE2450A Datasheet
27Kb / 1P
HIGH FREQUENCY, LOW JITTER, LEADED OSCILLATOR FOR GIGABIT ETHERNET APPLICATIONS
logo
Silicon Laboratories
SI5386-E SILABS-SI5386-E Datasheet
791Kb / 52P
12-channel, Any Frequency, Wireless Jitter Attenuating Clock
logo
Renesas Technology Corp
ICS813078I RENESAS-ICS813078I Datasheet
773Kb / 27P
Femtoclocks™ VCXO-PLL Frequency Generator for Wireless Infrastructure Equipment
July 29, 2016
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com