Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

813078I Datasheet (PDF) - Renesas Technology Corp

813078I Datasheet PDF - Renesas Technology Corp
Part # 813078I
Download  813078I Download
File Size   773.45 Kbytes
Page   27 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Femtoclocks™ VCXO-PLL Frequency Generator for Wireless Infrastructure Equipment

813078I Datasheet (PDF)

Go To PDF Page Download Datasheet
813078I Datasheet PDF - Renesas Technology Corp

Part # 813078I
Download  813078I Click to download

File Size   773.45 Kbytes
Page   27 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Femtoclocks™ VCXO-PLL Frequency Generator for Wireless Infrastructure Equipment

813078I Datasheet (HTML) - Renesas Technology Corp


813078I Product details

General Description
The ICS813078I is a member of the HiperClocks family of high
performance clock solutions from IDT. The ICS813078I a PLL
based synchronous clock solution that is optimized for wireless
infrastructure equipment where frequency translation and jitter
attenuation is needed.
The device contains two internal PLL stages that are cascaded in
series. The first PLL stage attenuates the reference clock jitter by
using an internal or external VCXO circuit. The internal VCXO
requires the connection of an external inexpensive pullable crystal
(XTAL) to the ICS813078I. This first PLL stage (VCXO PLL) uses
external passive loop filter components which are used to
optimize the PLL loop bandwidth and damping characteristics for
the given application. The output of the first stage VCXO PLL is a
stable and jitter-tolerant 30.72MHz reference input for the second
PLL stage. The second PLL stage provides frequency translation
by multiplying the output of the first stage up to 491.52MHz or
614.4MHz. The low phase noise characteristics of the VCXO-PLL
clock signal is maintained by the internal FemtoClock™ PLL,
which requires no external components or complex programming.
Two independently configurable frequency dividers translate the
internal VCO signal to the desired output frequencies. All
frequency translation ratios are set by device configuration pins.
Supported input reference clock frequencies:
10MHz, 12.8MHz, 15MHz, 15.36MHz, 20MHz, 30.72MHz,
61.44MHz, and 122.88MHz
Supported output clock frequencies:
30.72MHz, 38.4MHz, 61.44MHz, 76.8MHz, 122.88MHz,
153.6MHz, 245.76MHz, 491.52MHz, and 614.4MHz
Features
• Nine outputs, organized in three independent output banks with
differential LVPECL and single-ended outputs
• One differential input clock can accept the following differential
input levels: LVDS, LVPECL, LVHSTL
• One single-ended clock input
• Frequency generation optimized for wireless infrastructure
• Attenuates the phase jitter of the input clock signal by using
low-cost pullable fundamental mode crystal (XTAL)
• Internal Femtoclock frequency multiplier stage eliminates the
need for an expensive external high frequency VCXO
• LVCMOS levels for all control I/O
• RMS phase jitter @ 122.88MHz, using a 30.72MHz crystal
(12kHz to 20MHz): 1.1ps rms (typical)
• RMS phase jitter @ 61.44MHz, using a 30.72MHz crystal
(12kHz to 20MHz): 0.97ps rms (typical)
• VCXO PLL bandwidth can be optimized for jitter attenuation and
reference frequency tracking using external loop filter
components
• PLL fast-lock control
• PLL lock detect output
• Absolute pull range is +/-50 ppm
• Full 3.3V supply voltage
• -40°C to 85°C ambient operating temperature
• Available in lead-free (RoHS 6) package
• For replacement device use 8T49N285-dddNLGI




Similar Part No. - 813078I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
813078BYILF IDT-813078BYILF Datasheet
3Mb / 26P
FEMTOCLOCKS??VCXO-PLL FREQUENCY GENERATOR FOR WIRELESS INFRASTRUCTURE EQUIPMENT
813078BYILFT IDT-813078BYILFT Datasheet
3Mb / 26P
FEMTOCLOCKS??VCXO-PLL FREQUENCY GENERATOR FOR WIRELESS INFRASTRUCTURE EQUIPMENT
More results


Similar Description - 813078I

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FS6209 ETC-FS6209 Datasheet
113Kb / 6P
DUAL PLL VCXO CLOCK GENERATOR IC
FS6128-04 ETC-FS6128-04 Datasheet
65Kb / 7P
PLL CLOCK GENERATOR IC WITH VCXO
FS6128-07 ETC-FS6128-07 Datasheet
65Kb / 7P
PLL Clock Generator IC with VCXO
logo
Integrated Circuit Syst...
ICS810001-21 ICST-ICS810001-21 Datasheet
243Kb / 21P
FEMTOCLOCKS-TM DUAL VCXO VIDEO PLL
REV. A AUGUST 12, 2005
logo
List of Unclassifed Man...
FS6128-01 ETC1-FS6128-01 Datasheet
66Kb / 7P
PLL Clock Generator IC with VCXO
logo
Integrated Device Techn...
ICS843002I-72 IDT-ICS843002I-72 Datasheet
300Kb / 18P
FEMTOCLOCKS??VCXO BASED WCDMA CLOCK GENERATOR/JITTER ATTENUATOR
ICS813078I IDT-ICS813078I Datasheet
3Mb / 26P
FEMTOCLOCKS??VCXO-PLL FREQUENCY GENERATOR FOR WIRELESS INFRASTRUCTURE EQUIPMENT
logo
Renesas Technology Corp
813076I RENESAS-813076I Datasheet
558Kb / 24P
Frequency Generator/Jitter Attenuation Device For Wireless Infrastructure Applications
7/29/16
ICS843002I-72 RENESAS-ICS843002I-72 Datasheet
452Kb / 19P
FEMTOCLOCKS™ VCXO BASED WCDMA CLOCK GENERATOR/JITTER ATTENUATOR
NOVEMBER 21, 2007
ICS843241 RENESAS-ICS843241 Datasheet
607Kb / 19P
FEMTOCLOCKS™ SAS/SATA CLOCK GENERATOR
AUGUST 20, 2008
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com