Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS843241 Datasheet (PDF) - Renesas Technology Corp

ICS843241 Datasheet PDF - Renesas Technology Corp
Part # ICS843241
Download  ICS843241 Download
File Size   607.92 Kbytes
Page   19 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FEMTOCLOCKS™ SAS/SATA CLOCK GENERATOR

ICS843241 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS843241 Datasheet PDF - Renesas Technology Corp

Part # ICS843241
Download  ICS843241 Click to download

File Size   607.92 Kbytes
Page   19 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FEMTOCLOCKS™ SAS/SATA CLOCK GENERATOR

ICS843241 Datasheet (HTML) - Renesas Technology Corp


ICS843241 Product details

FEATURES
• Designed for use in SAS-2 systems
• Up, down and center spread spectrum clocking
• One differential 3.3V or 2.5V LVPECL output pair
• Selectable output frequencies: 75MHz, 100MHz, 150MHz,
300MHz
• RMS phase jitter @ 75MHz, (900kHz – 7.5MHz):
0.70ps (typical)
• 3.3V or 2.5V operating supply
• 0°C to 70°C ambient operating temperature
• Available in lead-free (RoHS 6) packages




Similar Part No. - ICS843241

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS843241I-04 IDT-ICS843241I-04 Datasheet
283Kb / 14P
FEMTOCLOCKS??CRYSTAL-TO-3.3V, 2.5V LVPECL CLOCK GENERATOR
More results


Similar Description - ICS843241

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS843442I IDT-ICS843442I Datasheet
715Kb / 13P
FemtoClock??SAS/SATA Clock Generator
843442 IDT-843442 Datasheet
201Kb / 14P
FemtoClock??SAS/SATA Clock Generator
843751 IDT-843751 Datasheet
217Kb / 17P
FemtoClock??SAS/SATA Clock Generator
844441 IDT-844441 Datasheet
356Kb / 15P
FemtoClock SAS/ SATA Clock Generator
843442I IDT-843442I Datasheet
201Kb / 14P
FemtoClock SAS/SATA Clock Generator
logo
Renesas Technology Corp
843441 RENESAS-843441 Datasheet
492Kb / 18P
FemtoClock® SAS/SATA Clock Generator
June 30, 2016
843751 RENESAS-843751 Datasheet
412Kb / 18P
FemtoClock™ SAS/SATA Clock Generator
08.21.15
844001 RENESAS-844001 Datasheet
409Kb / 15P
Femtoclocks™ Crystal-to-LVDS Clock Generator
June 2, 2016
844441 RENESAS-844441 Datasheet
637Kb / 16P
FemtoClock® SAS/ SATA Clock Generator
November 2, 2016
843442 RENESAS-843442 Datasheet
393Kb / 15P
FemtoClock™ SAS/SATA Clock Generator
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com