Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS843241 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # ICS843241
Description  FEMTOCLOCKS™ SAS/SATA CLOCK GENERATOR
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS843241 Datasheet(HTML) 5 Page - Renesas Technology Corp

  ICS843241 Datasheet HTML 1Page - Renesas Technology Corp ICS843241 Datasheet HTML 2Page - Renesas Technology Corp ICS843241 Datasheet HTML 3Page - Renesas Technology Corp ICS843241 Datasheet HTML 4Page - Renesas Technology Corp ICS843241 Datasheet HTML 5Page - Renesas Technology Corp ICS843241 Datasheet HTML 6Page - Renesas Technology Corp ICS843241 Datasheet HTML 7Page - Renesas Technology Corp ICS843241 Datasheet HTML 8Page - Renesas Technology Corp ICS843241 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
IDT™ / ICS™ SAS/SATA CLOCK GENERATOR
5
ICS843241BG REV. A AUGUST 20, 2008
ICS843241
FEMTOCLOCKS™ SAS/SATA CLOCK GENERATOR
TABLE 6B. AC CHARACTERISTICS, V
CC = 2.5V±5%, T
A
= 0°C TO 70°C
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
f
T
U
O
y
c
n
e
u
q
e
r
F
t
u
p
t
u
O
0
0
=
]
0
:
1
[
L
E
S
_
F5
7z
H
M
1
0
=
]
0
:
1
[
L
E
S
_
F0
0
1z
H
M
0
1
=
]
0
:
1
[
L
E
S
_
F0
5
1z
H
M
1
1
=
]
0
:
1
[
L
E
S
_
F0
0
3z
H
M
t
)
Ø
(
t
ij
;
)
m
o
d
n
a
R
(
r
e
t
t
i
J
e
s
a
h
P
S
M
R
1
E
T
O
N
:
e
g
n
a
R
n
o
i
t
a
r
g
e
t
n
I
@
z
H
M
5
7
z
H
M
5
.
7
-
z
H
k
0
0
9
2
7
.
0s
p
:
e
g
n
a
R
n
o
i
t
a
r
g
e
t
n
I
@
z
H
M
0
0
1
z
H
M
5
.
7
-
z
H
k
0
0
9
1
6
.
0s
p
:
e
g
n
a
R
n
o
i
t
a
r
g
e
t
n
I
@
z
H
M
0
5
1
z
H
M
5
.
7
-
z
H
k
0
0
9
8
6
.
0s
p
:
e
g
n
a
R
n
o
i
t
a
r
g
e
t
n
I
@
z
H
M
0
0
3
z
H
M
5
.
7
-
z
H
k
0
0
9
4
6
.
0s
p
t
R
t
/
F
e
m
i
T
ll
a
F
/
e
s
i
R
t
u
p
t
u
O%
0
8
o
t
%
0
20
6
30
0
5s
p
c
d
oe
l
c
y
C
y
t
u
D
t
u
p
t
u
O
8
42
5%
.
s
t
o
l
P
e
s
i
o
N
e
s
a
h
P
e
h
t
o
t
r
e
f
e
R
:
1
E
T
O
N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com