Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS843241 Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # ICS843241
Description  FEMTOCLOCKS™ SAS/SATA CLOCK GENERATOR
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS843241 Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button ICS843241 Datasheet HTML 11Page - Renesas Technology Corp ICS843241 Datasheet HTML 12Page - Renesas Technology Corp ICS843241 Datasheet HTML 13Page - Renesas Technology Corp ICS843241 Datasheet HTML 14Page - Renesas Technology Corp ICS843241 Datasheet HTML 15Page - Renesas Technology Corp ICS843241 Datasheet HTML 16Page - Renesas Technology Corp ICS843241 Datasheet HTML 17Page - Renesas Technology Corp ICS843241 Datasheet HTML 18Page - Renesas Technology Corp ICS843241 Datasheet HTML 19Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
IDT™ / ICS™ SAS/SATA CLOCK GENERATOR
17
ICS843241BG REV. A AUGUST 20, 2008
ICS843241
FEMTOCLOCKS™ SAS/SATA CLOCK GENERATOR
TABLE 10. ORDERING INFORMATION
r
e
b
m
u
N
r
e
d
r
O
/
t
r
a
Pg
n
i
k
r
a
Me
g
a
k
c
a
Pg
n
i
g
a
k
c
a
P
g
n
i
p
p
i
h
Se
r
u
t
a
r
e
p
m
e
T
F
L
G
B
1
4
2
3
4
8
S
C
IL
B
1
4
2
3
4
8P
O
S
S
T
"
e
e
r
F
-
d
a
e
L
"
d
a
e
L
6
1e
b
u
tC
°
0
7
o
t
C
°
0
T
F
L
G
B
1
4
2
3
4
8
S
C
IL
B
1
4
2
3
4
8P
O
S
S
T
"
e
e
r
F
-
d
a
e
L
"
d
a
e
L
6
1l
e
e
r
&
e
p
a
t
0
0
5
2C
°
0
7
o
t
C
°
0
F
L
5
7
-
M
B
1
4
2
3
4
8
S
C
IL
5
7
B
1
4
2
3C
I
O
S
"
e
e
r
F
-
d
a
e
L
"
d
a
e
L
8e
b
u
tC
°
0
7
o
t
C
°
0
T
F
L
5
7
-
M
B
1
4
2
3
4
8
S
C
IL
5
7
B
1
4
2
3C
I
O
S
"
e
e
r
F
-
d
a
e
L
"
d
a
e
L
8l
e
e
r
&
e
p
a
t
0
0
5
2C
°
0
7
o
t
C
°
0
F
L
0
0
1
-
M
B
1
4
2
3
4
8
S
C
IL
0
0
1
B
1
4
2C
I
O
S
"
e
e
r
F
-
d
a
e
L
"
d
a
e
L
8e
b
u
tC
°
0
7
o
t
C
°
0
T
F
L
0
0
1
-
M
B
1
4
2
3
4
8
S
C
IL
0
0
1
B
1
4
2C
I
O
S
"
e
e
r
F
-
d
a
e
L
"
d
a
e
L
8l
e
e
r
&
e
p
a
t
0
0
5
2C
°
0
7
o
t
C
°
0
F
L
0
5
1
-
M
B
1
4
2
3
4
8
S
C
IL
0
5
1
B
1
4
2C
I
O
S
"
e
e
r
F
-
d
a
e
L
"
d
a
e
L
8e
b
u
tC
°
0
7
o
t
C
°
0
T
F
L
0
5
1
-
M
B
1
4
2
3
4
8
S
C
IL
0
5
1
B
1
4
2C
I
O
S
"
e
e
r
F
-
d
a
e
L
"
d
a
e
L
8l
e
e
r
&
e
p
a
t
0
0
5
2C
°
0
7
o
t
C
°
0
F
L
0
0
3
-
M
B
1
4
2
3
4
8
S
C
IL
0
0
3
B
1
4
2C
I
O
S
"
e
e
r
F
-
d
a
e
L
"
d
a
e
L
8e
b
u
tC
°
0
7
o
t
C
°
0
T
F
L
0
0
3
-
M
B
1
4
2
3
4
8
S
C
IL
0
0
3
B
1
4
2C
I
O
S
"
e
e
r
F
-
d
a
e
L
"
d
a
e
L
8l
e
e
r
&
e
p
a
t
0
0
5
2C
°
0
7
o
t
C
°
0
.
t
n
a
il
p
m
o
c
S
H
o
R
e
r
a
d
n
a
n
o
i
t
a
r
u
g
i
f
n
o
c
e
e
r
F
-
b
P
e
h
t
e
r
a
r
e
b
m
u
n
t
r
a
p
e
h
t
o
t
x
i
f
f
u
s
"
F
L
"
n
a
h
t
i
w
d
e
r
e
d
r
o
e
r
a
t
a
h
t
s
t
r
a
P
:
E
T
O
N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com