Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS843241 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ICS843241
Description  FEMTOCLOCKS™ SAS/SATA CLOCK GENERATOR
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS843241 Datasheet(HTML) 1 Page - Renesas Technology Corp

  ICS843241 Datasheet HTML 1Page - Renesas Technology Corp ICS843241 Datasheet HTML 2Page - Renesas Technology Corp ICS843241 Datasheet HTML 3Page - Renesas Technology Corp ICS843241 Datasheet HTML 4Page - Renesas Technology Corp ICS843241 Datasheet HTML 5Page - Renesas Technology Corp ICS843241 Datasheet HTML 6Page - Renesas Technology Corp ICS843241 Datasheet HTML 7Page - Renesas Technology Corp ICS843241 Datasheet HTML 8Page - Renesas Technology Corp ICS843241 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
FEMTOCLOCKS™
SAS/SATA CLOCK GENERATOR
ICS843241
IDT™ / ICS™ SAS/SATA CLOCK GENERATOR
1
ICS843241BG REV. A AUGUST 20, 2008
GENERAL DESCRIPTION
The ICS843241 is a low jitter, high performance clock
generator and a member of the FemtoClocks™ family
of silicon timing products. The ICS843241 is designed
for use in the SAS-2 interconnect and the three
transport protocols that use the SAS-2 interconnect:
Serial SCSI Protocol (SSP), Serial ATA Tunneled Protocol (STP),
and Serial Management Protocol (SMP). The ICS843241 has
excellent (<1ps) RMS phase jitter, over the SAS defined
integration range. The ICS843241 uses an external, 25MHz,
parallel resonant crystal to generate three selectable output
frequencies: 75MHz, 100MHz, 150MHz, and 300MHz. This sili-
con based approach provides excellent frequency stability and
reliability. The ICS843241 features up, down, and center spread
spectrum (SSC) clocking techniques. The up, down and center
SSC will be required in the SAS-2 applications that have three
clock trees in the HBA and expander ASICs (see Applications
Information section, Figure 3).
APPLICATIONS:
• SAS/ SATA Host Bus Adapters
• SATA Port Multipliers
• SAS I/O Controllers
• TapeDrive and HDD Array Controllers
• SAS Edge and Fanout Expanders
• HDDs and Tape Drives
• Disk Storage Enterprise
FEATURES
• Designed for use in SAS-2 systems
• Up, down and center spread spectrum clocking
• One differential 3.3V or 2.5V LVPECL output pair
• Selectable output frequencies: 75MHz, 100MHz, 150MHz,
300MHz
• RMS phase jitter @ 75MHz, (900kHz – 7.5MHz):
0.70ps (typical)
• 3.3V or 2.5V operating supply
• 0°C to 70°C ambient operating temperature
• Available in lead-free (RoHS 6) packages
HiPerClockS™
ICS
BLOCK DIAGRAMS
OSC
FemtoClock™
PLL
Q
nQ
XTAL_IN
XTAL_OUT
SSC_SEL[1:0]
75MHz, 100MHz,
150MHz or 300MHz
See Table 10 for
Ordering Information
25MHz
Pulldown
PIN ASSIGNMENT
XTAL_OUT
XTAL_IN
SSC_SEL0
SSC_SEL1
1
2
3
4
VEE
nQ
Q
VCC
8
7
6
5
ICS843241-XXX
8-Lead SOIC, 150 mil
3.90mm x 4.90mm x 1.37mm package body
M Package
Top View
OSC
F_SEL[1:0]
Q
nQ
XTAL_IN
XTAL_OUT
25MHz
SSC_SEL[1:0]
nPLL_SEL
F_SEL[1:0]
0 0
75MHz
0 1 100MHz
1 0 150MHz
1 1 300MHz
FemtoClock™
PLL
1
0
2
Pulldown
Pulldown
Pullup:Pulldown
PIN ASSIGNMENT
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
ICS843241
16-Lead TSSOP
4.4mm x 5.0mm x 0.92mm package body
G Package
Top View
8-Lead SOIC
16-Lead TSSOP
VEE
XTAL_OUT
XTAL_IN
SSC_SEL0
nc
nc
nc
SSC_SEL1
F_SEL1
VEE
nPLL_SEL
nQ
Q
VCC
F_SEL0
VCC
ADDITIONAL ORDERING INFORMATION TABLE
r
e
b
m
u
N
t
r
a
Pe
g
a
k
c
a
P
y
c
n
e
u
q
e
r
F
t
u
p
t
u
O
G
B
1
4
2
3
4
8
S
C
IP
O
S
S
T
6
1z
H
M
0
0
3
,
z
H
M
0
5
1
,
z
H
M
0
0
1
,
z
H
M
5
7
5
7
-
M
B
1
4
2
3
4
8
S
C
IC
I
O
S
8z
H
M
5
7
0
0
1
-
M
B
1
4
2
3
4
8
S
C
IC
I
O
S
8z
H
M
0
0
1
0
5
1
-
M
B
1
4
2
3
4
8
S
C
IC
I
O
S
8z
H
M
0
5
1
0
0
3
-
M
B
1
4
2
3
4
8
S
C
IC
I
O
S
8z
H
M
0
0
3


Similar Part No. - ICS843241

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS843241I-04 IDT-ICS843241I-04 Datasheet
283Kb / 14P
FEMTOCLOCKS??CRYSTAL-TO-3.3V, 2.5V LVPECL CLOCK GENERATOR
More results

Similar Description - ICS843241

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS843442I IDT-ICS843442I Datasheet
715Kb / 13P
FemtoClock??SAS/SATA Clock Generator
843442 IDT-843442 Datasheet
201Kb / 14P
FemtoClock??SAS/SATA Clock Generator
843751 IDT-843751 Datasheet
217Kb / 17P
FemtoClock??SAS/SATA Clock Generator
844441 IDT-844441 Datasheet
356Kb / 15P
FemtoClock SAS/ SATA Clock Generator
843442I IDT-843442I Datasheet
201Kb / 14P
FemtoClock SAS/SATA Clock Generator
logo
Renesas Technology Corp
843441 RENESAS-843441 Datasheet
492Kb / 18P
FemtoClock® SAS/SATA Clock Generator
June 30, 2016
843751 RENESAS-843751 Datasheet
412Kb / 18P
FemtoClock™ SAS/SATA Clock Generator
08.21.15
844001 RENESAS-844001 Datasheet
409Kb / 15P
Femtoclocks™ Crystal-to-LVDS Clock Generator
June 2, 2016
844441 RENESAS-844441 Datasheet
637Kb / 16P
FemtoClock® SAS/ SATA Clock Generator
November 2, 2016
843442 RENESAS-843442 Datasheet
393Kb / 15P
FemtoClock™ SAS/SATA Clock Generator
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com