Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

843442 Datasheet (PDF) - Renesas Technology Corp

843442 Datasheet PDF - Renesas Technology Corp
Part # 843442
Download  843442 Download
File Size   393.98 Kbytes
Page   15 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClock™ SAS/SATA Clock Generator

843442 Datasheet (PDF)

Go To PDF Page Download Datasheet
843442 Datasheet PDF - Renesas Technology Corp

Part # 843442
Download  843442 Click to download

File Size   393.98 Kbytes
Page   15 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClock™ SAS/SATA Clock Generator

843442 Datasheet (HTML) - Renesas Technology Corp


843442 Product details

Features
• Designed for use in SAS, SAS-2, and SATA systems
• Center (±0.25%) Spread Spectrum Clocking (SSC)
• Down (-0.23% or -0.5%) SSC
• Two differential 3.3V LVPECL output pairs
• Crystal oscillator interface designed for 25MHz (CL = 18pF)
frequency
• External fundamental crystal frequency ensures high reliability
and low aging
• Selectable output frequencies: 75MHz, 150MHz
• Output frequency is tunable with external capacitors
• RMS phase jitter at 150MHz (integrated from 12kHz to 20MHz):
1.07ps (typical)
• 3.3V operating supply
• -40°C to 85°C ambient operating temperature
• Available in lead-free (RoHS 6) package
• Functional replacement part: 843002AYLF




Similar Part No. - 843442

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
843442 IDT-843442 Datasheet
201Kb / 14P
FemtoClock??SAS/SATA Clock Generator
843442AGILF IDT-843442AGILF Datasheet
715Kb / 13P
FemtoClock??SAS/SATA Clock Generator
843442AGILF IDT-843442AGILF Datasheet
201Kb / 14P
FemtoClock??SAS/SATA Clock Generator
843442AGILF IDT-843442AGILF Datasheet
201Kb / 14P
FemtoClock SAS/SATA Clock Generator
843442AGILFT IDT-843442AGILFT Datasheet
715Kb / 13P
FemtoClock??SAS/SATA Clock Generator
More results


Similar Description - 843442

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS843442I IDT-ICS843442I Datasheet
715Kb / 13P
FemtoClock??SAS/SATA Clock Generator
843442 IDT-843442 Datasheet
201Kb / 14P
FemtoClock??SAS/SATA Clock Generator
843751 IDT-843751 Datasheet
217Kb / 17P
FemtoClock??SAS/SATA Clock Generator
844441 IDT-844441 Datasheet
356Kb / 15P
FemtoClock SAS/ SATA Clock Generator
843442I IDT-843442I Datasheet
201Kb / 14P
FemtoClock SAS/SATA Clock Generator
logo
Renesas Technology Corp
843441 RENESAS-843441 Datasheet
492Kb / 18P
FemtoClock® SAS/SATA Clock Generator
June 30, 2016
843751 RENESAS-843751 Datasheet
412Kb / 18P
FemtoClock™ SAS/SATA Clock Generator
08.21.15
844441 RENESAS-844441 Datasheet
637Kb / 16P
FemtoClock® SAS/ SATA Clock Generator
November 2, 2016
RC22112A RENESAS-RC22112A Datasheet
2Mb / 48P
FemtoClock Clock Generator
Oct 3, 2022
ICS843241 RENESAS-ICS843241 Datasheet
607Kb / 19P
FEMTOCLOCKS™ SAS/SATA CLOCK GENERATOR
AUGUST 20, 2008
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com