Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

843751 Datasheet (PDF) - Renesas Technology Corp

843751 Datasheet PDF - Renesas Technology Corp
Part # 843751
Download  843751 Download
File Size   412.08 Kbytes
Page   18 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClock™ SAS/SATA Clock Generator

843751 Datasheet (PDF)

Go To PDF Page Download Datasheet
843751 Datasheet PDF - Renesas Technology Corp

Part # 843751
Download  843751 Click to download

File Size   412.08 Kbytes
Page   18 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClock™ SAS/SATA Clock Generator

843751 Datasheet (HTML) - Renesas Technology Corp


843751 Product details

General Description
The 843751 is a low jitter, high performance clock generator. The
843751 is designed for use in the SAS-2 interconnect and the three
transport protocols that use the SAS-2 interconnect: Serial SCSI
Protocol (SSP), Serial ATA Tunneled Protocol (STP), and Serial
Management Protocol (SMP). The 843751 has excellent (<1ps)
RMS phase jitter, over the SAS defined integration range. The
843751 uses an external, 25MHz, parallel resonant crystal to
generate 75MHz. This silicon based approach provides excellent
frequency stability and reliability. The 843751 features up, down, and
center spread spectrum (SSC) clocking techniques. The up, down
and center SSC will be required in the SAS-2 applications that have
three clock trees in the HBA and expander ASICs.

Features
• Designed for use in SAS, SAS-2 systems
• Up, down and center Spread Spectrum Clocking (SSC)
• One differential 3.3V or 2.5V LVPECL output pair
• Output frequency: 75MHz
• RMS phase jitter @ 75MHz, (900kHz – 7.5MHz):
0.734ps (typical) @ 3.3V
• 3.3V or 2.5V operating supply modes
• 0°C to 70°C ambient operating temperature
• Available in lead-free (RoHS 6) package
• Functional replacement part: 843002AYLF




Similar Part No. - 843751

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
843751 IDT-843751 Datasheet
217Kb / 17P
FemtoClock??SAS/SATA Clock Generator
843751AMLF IDT-843751AMLF Datasheet
217Kb / 17P
FemtoClock??SAS/SATA Clock Generator
843751AMLFT IDT-843751AMLFT Datasheet
217Kb / 17P
FemtoClock??SAS/SATA Clock Generator
More results


Similar Description - 843751

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS843442I IDT-ICS843442I Datasheet
715Kb / 13P
FemtoClock??SAS/SATA Clock Generator
843442 IDT-843442 Datasheet
201Kb / 14P
FemtoClock??SAS/SATA Clock Generator
843751 IDT-843751 Datasheet
217Kb / 17P
FemtoClock??SAS/SATA Clock Generator
844441 IDT-844441 Datasheet
356Kb / 15P
FemtoClock SAS/ SATA Clock Generator
843442I IDT-843442I Datasheet
201Kb / 14P
FemtoClock SAS/SATA Clock Generator
logo
Renesas Technology Corp
843441 RENESAS-843441 Datasheet
492Kb / 18P
FemtoClock® SAS/SATA Clock Generator
June 30, 2016
844441 RENESAS-844441 Datasheet
637Kb / 16P
FemtoClock® SAS/ SATA Clock Generator
November 2, 2016
RC22112A RENESAS-RC22112A Datasheet
2Mb / 48P
FemtoClock Clock Generator
Oct 3, 2022
843442 RENESAS-843442 Datasheet
393Kb / 15P
FemtoClock™ SAS/SATA Clock Generator
2019
ICS843241 RENESAS-ICS843241 Datasheet
607Kb / 19P
FEMTOCLOCKS™ SAS/SATA CLOCK GENERATOR
AUGUST 20, 2008
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com