Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

844441 Datasheet (PDF) - Renesas Technology Corp

844441 Datasheet PDF - Renesas Technology Corp
Part # 844441
Download  844441 Download
File Size   637.22 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClock® SAS/ SATA Clock Generator

844441 Datasheet (PDF)

Go To PDF Page Download Datasheet
844441 Datasheet PDF - Renesas Technology Corp

Part # 844441
Download  844441 Click to download

File Size   637.22 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClock® SAS/ SATA Clock Generator

844441 Datasheet (HTML) - Renesas Technology Corp


844441 Product details

General Description
The 844441 is a low jitter, high performance clock generator and a
member of the FemtoClock® family of silicon timing products. The
844441 is designed for use in applications using the SAS and SATA
interconnect. The 844441 uses an external, 25MHz, parallel
resonant crystal to generate four selectable output frequencies:
75MHz, 100MHz, 150MHz, and 300MHz. This silicon based
approach provides excellent frequency stability and reliability. The
844441 features down and center spread spectrum (SSC) clocking
techniques.

Features
• Designed for use in SAS, SAS-2, and SATA systems
• Center (±0.17%) Spread Spectrum Clocking (SSC)
• Down (-0.23% or -0.5%) SSC
• Better frequency stability than SAW oscillators
• One differential 2.5V LVDS output
• Crystal oscillator interface designed for 25MHz
(CL = 12pF) frequency
• External fundamental crystal frequency ensures high reliability
and low aging
• Selectable output frequencies: 75MHz, 100MHz, 150MHz,
300MHz
• Output frequency is tunable with external capacitors
• RMS phase jitter @ 100MHz, using a 25MHz crystal
(12kHz – 20MHz): 1.1936ps (typical)
• 2.5V operating supply
• -40°C to 85°C ambient operating temperature
• Lead-free (RoHS 6) packaging




Similar Part No. - 844441

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
844441 IDT-844441 Datasheet
356Kb / 15P
FemtoClock SAS/ SATA Clock Generator
844441DGILF IDT-844441DGILF Datasheet
356Kb / 15P
FemtoClock SAS/ SATA Clock Generator
844441DGILFT IDT-844441DGILFT Datasheet
356Kb / 15P
FemtoClock SAS/ SATA Clock Generator
844441DMI-100LF IDT-844441DMI-100LF Datasheet
356Kb / 15P
FemtoClock SAS/ SATA Clock Generator
844441DMI-100LFT IDT-844441DMI-100LFT Datasheet
356Kb / 15P
FemtoClock SAS/ SATA Clock Generator
More results


Similar Description - 844441

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS843442I IDT-ICS843442I Datasheet
715Kb / 13P
FemtoClock??SAS/SATA Clock Generator
843442 IDT-843442 Datasheet
201Kb / 14P
FemtoClock??SAS/SATA Clock Generator
843751 IDT-843751 Datasheet
217Kb / 17P
FemtoClock??SAS/SATA Clock Generator
844441 IDT-844441 Datasheet
356Kb / 15P
FemtoClock SAS/ SATA Clock Generator
843442I IDT-843442I Datasheet
201Kb / 14P
FemtoClock SAS/SATA Clock Generator
logo
Renesas Technology Corp
840001I-25 RENESAS-840001I-25 Datasheet
462Kb / 14P
FemtoClock® LVCMOS/LVTTL Clock Generator
January 15, 2016
843441 RENESAS-843441 Datasheet
492Kb / 18P
FemtoClock® SAS/SATA Clock Generator
June 30, 2016
843751 RENESAS-843751 Datasheet
412Kb / 18P
FemtoClock™ SAS/SATA Clock Generator
08.21.15
843442 RENESAS-843442 Datasheet
393Kb / 15P
FemtoClock™ SAS/SATA Clock Generator
2019
ICS843241 RENESAS-ICS843241 Datasheet
607Kb / 19P
FEMTOCLOCKS™ SAS/SATA CLOCK GENERATOR
AUGUST 20, 2008
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com