Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RC22112A Datasheet (PDF) - Renesas Technology Corp

RC22112A Datasheet PDF - Renesas Technology Corp
Part # RC22112A
Download  RC22112A Download
File Size   2602.76 Kbytes
Page   48 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClock Clock Generator

RC22112A Datasheet (PDF)

Go To PDF Page Download Datasheet
RC22112A Datasheet PDF - Renesas Technology Corp

Part # RC22112A
Download  RC22112A Click to download

File Size   2602.76 Kbytes
Page   48 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClock Clock Generator

RC22112A Datasheet (HTML) - Renesas Technology Corp


RC22112A Product details

Features
▪ Low power, less than 1.4W typical
▪ Low jitter, less than 100 fs-RMS
▪ PCIe Gen 1-6 CC, SRIS, and SRNS support
▪ Up to six fractional output dividers and 12 integer
output dividers
• Each fractional output divider is free-run and
locked to APLL
▪ Each fractional output divider can be configured as
NCO or DCO
▪ LVCMOS, LVPECL, LVDS, HCSL, CML, SSTL,
HSTL output modes supported with programmable
output swing and common mode voltage
▪ One crystal/XO input
▪ Up to nine GPIO pins programmable to device
select or system monitor options
▪ Supports 1MHz I2C, 400kHz SMBus, or 50MHz
SPI serial port
▪ Internal non-volatile memory (up to 16 different
configurations), or external serial I2C EEPROM
provide default device settings on power-up.
▪ 2.5V and 3.3V core and 1.8V, 2.5V, and 3.3V
output operation
▪ -40° to +85°C industrial temperature operation




Similar Part No. - RC22112A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RC2211 ETC1-RC2211 Datasheet
135Kb / 16P
FSK Demodulator/Tone Decoder
RC2211N ETC1-RC2211N Datasheet
135Kb / 16P
FSK Demodulator/Tone Decoder
More results


Similar Description - RC22112A

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS843442I IDT-ICS843442I Datasheet
715Kb / 13P
FemtoClock??SAS/SATA Clock Generator
ICS840001I-25 IDT-ICS840001I-25 Datasheet
451Kb / 12P
FEMTOCLOCK LVCMOS LVTTL CLOCK GENERATOR
843442 IDT-843442 Datasheet
201Kb / 14P
FemtoClock??SAS/SATA Clock Generator
843751 IDT-843751 Datasheet
217Kb / 17P
FemtoClock??SAS/SATA Clock Generator
844441 IDT-844441 Datasheet
356Kb / 15P
FemtoClock SAS/ SATA Clock Generator
843442I IDT-843442I Datasheet
201Kb / 14P
FemtoClock SAS/SATA Clock Generator
840001I-25 IDT-840001I-25 Datasheet
274Kb / 13P
FemtoClock LVCMOS/LVTTL Clock Generator
logo
Renesas Technology Corp
840001I-25 RENESAS-840001I-25 Datasheet
462Kb / 14P
FemtoClock® LVCMOS/LVTTL Clock Generator
January 15, 2016
843751 RENESAS-843751 Datasheet
412Kb / 18P
FemtoClock™ SAS/SATA Clock Generator
08.21.15
843442 RENESAS-843442 Datasheet
393Kb / 15P
FemtoClock™ SAS/SATA Clock Generator
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com