Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS843241 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ICS843241
Description  FEMTOCLOCKS™ SAS/SATA CLOCK GENERATOR
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS843241 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ICS843241 Datasheet HTML 9Page - Renesas Technology Corp ICS843241 Datasheet HTML 10Page - Renesas Technology Corp ICS843241 Datasheet HTML 11Page - Renesas Technology Corp ICS843241 Datasheet HTML 12Page - Renesas Technology Corp ICS843241 Datasheet HTML 13Page - Renesas Technology Corp ICS843241 Datasheet HTML 14Page - Renesas Technology Corp ICS843241 Datasheet HTML 15Page - Renesas Technology Corp ICS843241 Datasheet HTML 16Page - Renesas Technology Corp ICS843241 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
IDT™ / ICS™ SAS/SATA CLOCK GENERATOR
13
ICS843241BG REV. A AUGUST 20, 2008
ICS843241
FEMTOCLOCKS™ SAS/SATA CLOCK GENERATOR
POWER CONSIDERATIONS
This section provides information on power dissipation and junction temperature for the ICS843241.
Equations and example calculations are also provided.
1. Power Dissipation.
The total power dissipation for the ICS843241 is the sum of the core power plus the power dissipated in the load(s).
The following is the power dissipation for V
CC
= 3.3V + 5% = 3.465V, which gives worst case results.
NOTE: Please refer to Section 3 for details on calculating power dissipated in the load.
• Power (core)
MAX
= V
CC_MAX
* I
EE_MAX
= 3.465V * 77mA = 266.8mW
• Power (outputs)
MAX
= 30mW/Loaded Output pair
Total Power
_MAX
(3.465V, with all outputs switching) = 266.8mW + 30mW = 296.8mW
2.
Junction Temperature.
Junction temperature, Tj, is the temperature at the junction of the bond wire and bond pad and directly affects the reliability of the
device. The maximum recommended junction temperature for HiPerClockS
TM devices is 125°C.
The equation for Tj is as follows: Tj =
θ
JA * Pd_total + TA
Tj = Junction Temperature
θ
JA = Junction-to-Ambient Thermal Resistance
Pd_total = Total Device Power Dissipation (example calculation is in section 1 above)
T
A = Ambient Temperature
In order to calculate junction temperature, the appropriate junction-to-ambient thermal resistance
θ
JA must be used. Assuming no air
flow and a multi-layer board, the appropriate value is 96°C/W per Table 7B below.
Therefore, Tj for an ambient temperature of 70°C with all outputs switching is:
70°C + 0.297W * 96°C/W = 97.6°C. This is well below the limit of 125°C.
This calculation is only an example. Tj will obviously vary depending on the number of loaded outputs, supply voltage, air flow,
and the type of board.
TABLE 7B.
θ
JA
VS
. AIR FLOW TABLE FOR 8 LEAD SOIC
TABLE 7A.
θ
JA
VS
. AIR FLOW TABLE FOR 16 LEAD TSSOP
θθθθθ
JA
by Velocity (Meters per Second)
0
1
2.5
Multi-Layer PCB, JEDEC Standard Test Boards
92.4°C/W
88.0°C/W
85.9°C/W
θθθθθ
JA
by Velocity (Linear Feet per Minute)
0
200
500
Multi-Layer PCB, JEDEC Standard Test Boards
96°C/W
87°C/W
82°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com