Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS843241 Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # ICS843241
Description  FEMTOCLOCKS™ SAS/SATA CLOCK GENERATOR
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS843241 Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button ICS843241 Datasheet HTML 8Page - Renesas Technology Corp ICS843241 Datasheet HTML 9Page - Renesas Technology Corp ICS843241 Datasheet HTML 10Page - Renesas Technology Corp ICS843241 Datasheet HTML 11Page - Renesas Technology Corp ICS843241 Datasheet HTML 12Page - Renesas Technology Corp ICS843241 Datasheet HTML 13Page - Renesas Technology Corp ICS843241 Datasheet HTML 14Page - Renesas Technology Corp ICS843241 Datasheet HTML 15Page - Renesas Technology Corp ICS843241 Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
IDT™ / ICS™ SAS/SATA CLOCK GENERATOR
12
ICS843241BG REV. A AUGUST 20, 2008
ICS843241
FEMTOCLOCKS™ SAS/SATA CLOCK GENERATOR
Figure 5 shows an example of ICS843241 application schematic.
In this example, the device is operated at V
CC
= 3.3V. The 18pF
parallel resonant 25MHz crystal is used. The C1 = 27pF and C2
= 27pF are recommended for frequency accuracy. For different
VCC=3.3V
F_SEL0
Set Logic
Input to
'1'
RD1
Not Install
R7
50
(U1-9)
F_SEL1
+
-
Logic Control Input Examples
RU2
Not Install
R3
82.5
C1
27pF
R5
50
To Logic
Input
pins
RU1
1K
Set Logic
Input to
'0'
VCC
VCC
C4
10uF
RD2
1K
X1
25MHz
18pF
U1
ICS843241
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
VEE
XTAL_OUT
XTAL_IN
SSC_SEL0
nc
nc
nc
SSC_SEL1
VCC
F_SEL0
VCC
Q
nQ
nPLL_SEL
VEE
F_SEL1
R2
133
C3
0.1uF
Zo = 50 Ohm
Zo = 50 Ohm
C2
27pF
R1
133
R6
50
VCC
To Logic
Input
pins
VCC
Zo = 50 Ohm
SSC_SEL1
(U1-11)
nPLL_SEL
R4
82.5
SSC_SEL0
Optional
Y-Termination
VCC
(U1-11)
3.3V
+
-
C5
0.1uF
Zo = 50 Ohm
board layout, the C1 and C2 may be slightly adjusted for optimizing
frequency accuracy. Two examples of LVPECL termination are
shown in this schematic. Additional termination approaches are
shown in the LVPECL Termination Application Note.
SCHEMATIC EXAMPLE
FIGURE 5. ICS843241 SCHEMATIC EXAMPLE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com