Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS843241 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ICS843241
Description  FEMTOCLOCKS™ SAS/SATA CLOCK GENERATOR
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS843241 Datasheet(HTML) 2 Page - Renesas Technology Corp

  ICS843241 Datasheet HTML 1Page - Renesas Technology Corp ICS843241 Datasheet HTML 2Page - Renesas Technology Corp ICS843241 Datasheet HTML 3Page - Renesas Technology Corp ICS843241 Datasheet HTML 4Page - Renesas Technology Corp ICS843241 Datasheet HTML 5Page - Renesas Technology Corp ICS843241 Datasheet HTML 6Page - Renesas Technology Corp ICS843241 Datasheet HTML 7Page - Renesas Technology Corp ICS843241 Datasheet HTML 8Page - Renesas Technology Corp ICS843241 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
IDT™ / ICS™ SAS/SATA CLOCK GENERATOR
2
ICS843241BG REV. A AUGUST 20, 2008
ICS843241
FEMTOCLOCKS™ SAS/SATA CLOCK GENERATOR
TABLE 1. PIN DESCRIPTIONS
e
m
a
Ne
p
y
Tn
o
i
t
p
i
r
c
s
e
D
N
I
_
L
A
T
X
,
T
U
O
_
L
A
T
Xt
u
p
n
I
.
t
u
p
t
u
o
e
h
t
s
i
T
U
O
_
L
A
T
X
,
t
u
p
n
i
e
h
t
s
i
N
I
_
L
A
T
X
.
e
c
a
f
r
e
t
n
i
r
o
t
a
ll
i
c
s
o
l
a
t
s
y
r
C
1
L
E
S
_
C
S
S
,
0
L
E
S
_
C
S
St
u
p
n
In
w
o
d
ll
u
P
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
.
A
3
e
l
b
a
T
e
e
S
.
s
n
i
p
t
c
e
l
e
s
C
S
S
0
L
E
S
_
Ft
u
p
n
In
w
o
d
ll
u
P
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
.
B
3
e
l
b
a
T
e
e
S
.
n
i
p
t
c
e
l
e
s
y
c
n
e
u
q
e
r
f
t
u
p
t
u
O
1
L
E
S
_
Ft
u
p
n
Ip
u
ll
u
P
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
.
B
3
e
l
b
a
T
e
e
S
.
n
i
p
t
c
e
l
e
s
y
c
n
e
u
q
e
r
f
t
u
p
t
u
O
L
E
S
_
L
L
P
nt
u
p
n
In
w
o
d
ll
u
P.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
.
L
L
P
e
h
t
s
e
s
s
a
p
y
B
Q
,
Q
nt
u
p
t
u
O.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
C
E
P
V
L
.
s
t
u
p
t
u
o
k
c
o
l
c
l
a
i
t
n
e
r
e
f
f
i
D
V
E
E
r
e
w
o
P.
n
i
p
y
l
p
p
u
s
e
v
i
t
a
g
e
N
V
C
C
r
e
w
o
P.
n
i
p
y
l
p
p
u
s
r
e
w
o
P
c
nd
e
s
u
n
U.
t
c
e
n
n
o
c
o
N
TABLE 2. PIN CHARACTERISTICS
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
C
N
I
e
c
n
a
t
i
c
a
p
a
C
t
u
p
n
I
4F
p
R
N
W
O
D
L
L
U
P
r
o
t
s
i
s
e
R
n
w
o
d
ll
u
P
t
u
p
n
I
1
5k
Ω
R
P
U
L
L
U
P
r
o
t
s
i
s
e
R
p
u
ll
u
P
t
u
p
n
I
1
5k
Ω
TABLE 3A. SSC_SEL[1:0] FUNCTION TABLE
s
t
u
p
n
I
e
d
o
M
1
L
E
S
_
C
S
S0
L
E
S
_
C
S
S
)
t
l
u
a
f
e
d
(
0)
t
l
u
a
f
e
d
(
0f
f
O
C
S
S
01
d
a
e
r
p
s
-
n
w
o
D
%
5
.
0
10
d
a
e
r
p
s
-
p
U
%
5
.
0
11
d
a
e
r
p
s
-
r
e
t
n
e
C
%
5
.
0
TABLE 3B. F_SEL[1:0] FUNCTION TABLE
s
t
u
p
n
I
y
c
n
e
u
q
e
r
F
t
u
p
t
u
O
1
L
E
S
_
F0
L
E
S
_
F
00
z
H
M
5
7
01
z
H
M
0
0
1
)
t
l
u
a
f
e
d
(
1)
t
l
u
a
f
e
d
(
0z
H
M
0
5
1
11
z
H
M
0
0
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com