Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82P33731 Datasheet (PDF) - Renesas Technology Corp

82P33731 Datasheet PDF - Renesas Technology Corp
Part # 82P33731
Download  82P33731 Download
File Size   1096.04 Kbytes
Page   66 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Synchronous Equipment Timing Source for 10G/40G/100G Synchronous Ethernet

82P33731 Datasheet (PDF)

Go To PDF Page Download Datasheet
82P33731 Datasheet PDF - Renesas Technology Corp

Part # 82P33731
Download  82P33731 Click to download

File Size   1096.04 Kbytes
Page   66 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Synchronous Equipment Timing Source for 10G/40G/100G Synchronous Ethernet

82P33731 Datasheet (HTML) - Renesas Technology Corp


82P33731 Product details

FEATURES
• Composite clock inputs (IN1 and IN2) accept 64 kHz synchronization
interface signals per ITU-T G.703
• Differential reference inputs (IN3 to IN8) accept clock frequencies
between 1 PPS and 650 MHz
• Single ended inputs (IN9 to IN14) accept reference clock frequencies
between 1 PPS and 162.5 MHz
• Loss of Signal (LOS) pins (LOS0 to LOS3) can be assigned to any
clock reference input
• Reference monitors qualify/disqualify references depending on activity, frequency and LOS pins
• Automatic reference selection state machines select the active reference for each DPLL based on the reference monitors, priority tables,
revertive and non-revertive settings and other programmable settings
• Fractional-N input dividers enable the DPLLs to lock to a wide range
of reference clock frequencies including: 10/100/1000 Ethernet, 10G/
40G/100G Ethernet, OTN, SONET/SDH, PDH, TDM, GSM, CPRI,
and GNSS frequencies
• Any reference inputs (IN3 to IN14) can be designated as external sync
pulse inputs (1 PPS, 2 kHz, 4 kHz or 8 kHz) associated with a selectable reference clock input
• FRSYNC_8K_1PPS and MFRSYNC_2K_1PPS output sync pulses
that are aligned with the selected external input sync pulse input and
frequency locked to the associated reference clock input
• DPLL1 can be configured with bandwidths between 0.09 mHz and
567 Hz
• DPLL1 locks to input references with frequencies between 1 PPS and
650 MHz
• DPLL2 locks to input references with frequencies between 8 kHz and
650 MHz
• DPLL1 complies with ITU-T G.8262 for Synchronous Ethernet Equipment Clock (EEC), and G.813 for Synchronous Equipment Clock
(SEC); and Telcordia GR-253-CORE/ GR-1244-CORE for Stratum 3
and SONET Minimum Clock (SMC)
• DPLL1 generates clocks with PDH, TDM, GSM, CPRI/OBSAI, 10/100/
1000 Ethernet and GNSS frequencies; these clocks are directly available on OUT1
• DPLL2 generates N x 8 kHz clocks up to 100 MHz that are output on
OUT9 and OUT10
• APLL1, APLL2 and APLL3 are connected to DPLL1
• APLL1 and APLL2 generate 10/100/1000 Ethernet, 10G Ethernet, or
SONET/SDH frequencies
• APLL3 generates 10G/40G/100G Ethernet, WAN-PHY, and LAN-PHY
frequencies
• Any of eight common TCXO/OCXO frequencies can be used for the
System Clock: 10 MHz, 12.8 MHz, 13 MHz, 19.44 MHz, 20 MHz,
24.576 MHz, 25 MHz, or 30.72 MHz
• The I2C slave interface can be used by a host processor to access the
control and status registers
• The I2C master interface can automatically load a device configuration from an external EEPROM after reset; APLL3 must be configured
via the I2C slave interface
• DPLLs can be connected to an internal composite clock generator that
outputs its 64 kHz synchronization signal on OUT8
• Differential outputs OUT3 to OUT6 output clocks with frequencies
between 1 PPS and 650 MHz
• Differential outputs OUT11 and OUT12 output clocks with frequencies
up to 650 MHz
• Single ended outputs OUT1, OUT2 and OUT7 output clocks with frequencies between 1 PPS and 125 MHz
• Single ended outputs OUT9 and OUT10 output clocks N*8 kHz multiples up to 100 MHz
• DPLL1 supports independent programmable delays for each of IN3 to
IN14; the delay for each input is programmable in steps of 0.61 ns
with a range of ~±78 ns
• The input to output phase delay of DPLL1 is programmable in steps of
0.0745 ps with a total range of ±20 s
• The clock phase of each of the output dividers for OUT1 (from APLL1)
to OUT7 is individually programmable in steps of ~200 ps with a total
range of +/-180°
• 1149.1 JTAG Boundary Scan
• 144-pin CABGA green package

APPLICATIONS
• Access routers, edge routers, core routers
• Carrier Ethernet switches
• Multi-service access platforms
• PON OLT
• LTE eNodeB
• ITU-T G.8264 Synchronous Equipment Timing Source (SETS)
• ITU-T G.8262 Synchronous Ethernet Equipment Clock (EEC)
• ITU-T G.813 Synchronous Equipment Clock (SEC)
• Telcordia GR-253-CORE/GR1244-CORE Stratum 3 Clock (S3) and
SONET Minimum Clock (SMC)

DESCRIPTION
The 82P33731 Synchronous Equipment Timing Source (SETS) for 10G Synchronous Ethernet (SyncE) provides tools to manage timing references, clock generation and timing paths for SyncE based clocks, per ITU-T G.8264 and ITU-T G.8262. 82P33731 meets the requirements of ITU-T
G.8262 for synchronous Ethernet Equipment Clocks (EECs) and ITU-T G.813 for Synchronous Equipment Clocks (SEC). The device outputs low-jitter clocks that can directly synchronize 100GBASE-R, 40GBASE-R, 10GBASE-R and 10GBASE-W and lower-rate Ethernet interfaces; as well as
CPRI/OBSAI, SONET/SDH and PDH interfaces.
The 82P33731 accepts six differential reference inputs and six single ended reference inputs that can operate at common GNSS, Ethernet,
SONET/SDH and PDH frequencies that range from 1 Pulse Per Second (PPS) to 650 MHz. The device also provides two Alternate Mark Inversion
(AMI) inputs for Composite Clock (CC) signals bearing 64 kHz, 8 kHz and 0.4 kHz synchronization information. The references are continually monitored for loss of signal and for frequency offset per user programmed thresholds. All of the references are available to both Digital PLLs (DPLLs). The
active reference for each DPLL is determined by forced selection or by automatic selection based on user programmed priorities and locking allowances and based on the reference monitors and LOS inputs.
The 82P33731 can accept a clock reference and an associated phase locked sync signal as a pair. DPLL1 can lock to the clock reference and
align the frame sync and multi-frame sync outputs with the paired sync input. The device allows any of the differential or single ended reference inputs
to be configured as sync inputs that can be associated with any of the other differential or single ended reference inputs. The input sync signals can
have a frequency of 1 PPS, 2 kHz, 4 kHz or 8 kHz. This feature enables DPLL1 to phase align its frame sync and multi-frame sync outputs with a sync
input without the need use a low bandwidth setting to lock directly to the sync input.
The DPLLs support three primary operating modes: Free-Run, Locked and Holdover. In Free-Run mode the DPLLs synthesize clocks based on
the system clock alone. In Locked mode the DPLLs filter reference clock jitter with the selected bandwidth. In Locked mode, the long-term output frequency accuracy is the same as the long term frequency accuracy of the selected input reference. In Holdover mode, the DPLL uses frequency data
acquired while in Locked mode to generate accurate frequencies when input references are not available.
The 82P33731 requires a system clock for its reference monitors and other digital circuitry. The frequency accuracy of the system clock determines the frequency accuracy of the DPLLs in Free-Run mode. The frequency stability of the system clock determines the frequency stability of the
DPLLs in Free-Run mode and in Holdover mode; and it affects the wander generation of the DPLLs in Locked mode.
When used with a suitable system clock, DPLL1 meets the frequency accuracy, pull-in, hold-in, pullout, noise generation, noise tolerance, transient response, and holdover performance requirements of the following applications: ITU-T G.8262/G.813 EEC/SEC options 1 and 2, Telcordia GR1244 Stratum 3 (S3), Telcordia GR-253-CORE S3 and SONET Minimum Clock (SMC).
DPLL1 can be configured with a range of selectable filtering bandwidths from 0.09 mHz to 567 Hz. The 17 mHz bandwidth can be used to lock the
DPLL directly to a 1 PPS reference. The 92 mHz bandwidth can be used for G.8262/G.813 Option 2, or Telcordia GR-253-CORE S3, or SMC applications. The bandwidths in the range 1.1 Hz to 8.9 Hz can be used for G.8262/G.813 Option 1 applications. The bandwidth of 1.1 Hz or 2.2 Hz can be
used for Telcordia GR-1244-CORE S3 applications. Bandwidths above 10 Hz can be used in jitter attenuation and rate conversion applications.
DPLL2 is a wideband (BW > 25Hz) frequency translator that can be used, for example, to convert a recovered line clock to a 1.544 MHz or 2.048
MHz synchronization interface clock.
For SETS applications per ITU-T G.8264, DPLL1 is configured as an EEC/SEC to output clocks for the T0 reference point and DPLL2 is used to
output clocks for the T4 reference point.
Clocks generated by DPLL1 can be passed through APLL1 or APLL2 which are LC based jitter attenuating Analog PLLs (APLLs). The output
clocks generated by APLL1 and APLL2 are suitable for serial GbE and lower rate interfaces.
Clocks generated by DPLL1 can be passed through APLL3 which is a voltage controlled crystal oscillator (VCXO) based jitter attenuating APLL.
APLL3 can be provisioned with one or two selectable crystal resonators to support up to two base frequencies. The output clocks generated by
APLL3 are suitable for multi-lane 100GBASE-R, 40GBASE-R and lower rate interfaces.
The device provides an AMI output for a CC signal bearing 64 kHz, 8 kHz and 0.4 kHz synchronization information. The CC output can be connected to either DPLL1 or DPLL3.
All 82P33731 control and status registers are accessed through an I2C slave microprocessor interface. For configuring the DPLLs, APLL1 and
APLL2, the I2C master interface can automatically load a configuration from an external EEPROM after reset. APLL3 must be configured via the I2C
slave interface.




Similar Part No. - 82P33731

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
82P33731 ICST-82P33731 Datasheet
196Kb / 12P
Composite clock inputs
REVISION 1
logo
Integrated Device Techn...
82P33731 IDT-82P33731 Datasheet
343Kb / 12P
Synchronous Equipment Timing Source for 10G/ 40G Synchronous Ethernet
82P33731 IDT-82P33731 Datasheet
848Kb / 65P
Synchronous Equipment Timing Source
82P33731ABAG IDT-82P33731ABAG Datasheet
886Kb / 68P
Synchronous Equipment Timing Source for 10G/ 40G/ 100G Synchronous Ethernet
82P33731ABAG IDT-82P33731ABAG Datasheet
848Kb / 65P
Synchronous Equipment Timing Source
More results


Similar Description - 82P33731

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
82P33714 IDT-82P33714 Datasheet
241Kb / 13P
Synchronous Equipment Timing Source for Synchronous Ethernet
82P33731 IDT-82P33731 Datasheet
343Kb / 12P
Synchronous Equipment Timing Source for 10G/ 40G Synchronous Ethernet
82P33714 IDT-82P33714_17 Datasheet
878Kb / 64P
Synchronous Equipment Timing Source for Synchronous Ethernet
82P33810 IDT-82P33810_17 Datasheet
270Kb / 11P
Synchronization Management Unit for IEEE 1588 and 10G/40G/100G Synchronous Ethernet
82P33731 IDT-82P33731_16 Datasheet
886Kb / 68P
Synchronous Equipment Timing Source for 10G/ 40G/ 100G Synchronous Ethernet
82P33714 IDT-82P33714_18 Datasheet
1Mb / 63P
Synchronous Equipment Timing Source
82P33731 IDT-82P33731_17 Datasheet
848Kb / 65P
Synchronous Equipment Timing Source
logo
Renesas Technology Corp
82P33714 RENESAS-82P33714 Datasheet
1Mb / 63P
Synchronous Equipment Timing Source for Synchronous Ethernet
August 21, 2018
82P33741 RENESAS-82P33741 Datasheet
1Mb / 59P
Port Synchronizer for IEEE 1588 and 10G/ 40G/ 100G Synchronous Ethernet
September 15, 2017
82P33831 RENESAS-82P33831 Datasheet
1Mb / 75P
Synchronization Management Unit for IEEE 1588 and 10G/40G/100G Synchronous Ethernet
July 10, 2018
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com