Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

830S21I Datasheet (PDF) - Renesas Technology Corp

830S21I Datasheet PDF - Renesas Technology Corp
Part # 830S21I
Download  830S21I Download
File Size   547.58 Kbytes
Page   13 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 1-to-1 2.5V, 3.3V Differential-to-LVCMOS/LVTTL Translator

830S21I Datasheet (PDF)

Go To PDF Page Download Datasheet
830S21I Datasheet PDF - Renesas Technology Corp

Part # 830S21I
Download  830S21I Click to download

File Size   547.58 Kbytes
Page   13 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 1-to-1 2.5V, 3.3V Differential-to-LVCMOS/LVTTL Translator

830S21I Datasheet (HTML) - Renesas Technology Corp


830S21I Product details

General Description
830s21I is a 1-to-1 Differential-to- LVCMOS/ LVTTL translator and
a member of the family of High Performance Clock Solutions from
IDT. The differential input is highly flexible and can accept the
following input types: LVPECL, LVDS, LVHSTL, SSTL and HCSL.
The small 8-lead SOIC footprint makes this device ideal for use in
applications with limited board space.

Features
• One LVCMOS/LVTTL output
• Differential CLK, nCLK input pair
• CLK, nCLK pair can accept the following differential
input levels: LVPECL, LVDS, LVHSTL, SSTL, HCSL
• Maximum output frequency: 350MHz
• Part-to-part skew: 525ps (maximum)
• Additive Phase jitter, RMS: 0.11ps (typical)
• Small 8 lead SOIC package saves board space
• Full 3.3V and 2.5V operating supply
• -40°C to 85°C ambient operating temperature
• Available in lead-free (RoHS 6) package




Similar Part No. - 830S21I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
830S21I IDT-830S21I Datasheet
354Kb / 12P
Differential-to-LVCMOS/LVTTL Translator
logo
Renesas Technology Corp
830S21I RENESAS-830S21I Datasheet
401Kb / 10P
1-to-1 2.5V, 3.3V Differential-to-LVCMOS/LVTTL
November 7, 2024
logo
Integrated Device Techn...
830S21I-01 IDT-830S21I-01 Datasheet
355Kb / 12P
Differential-to-LVCMOS/LVTTL Translator
logo
Renesas Technology Corp
830S21I-01 RENESAS-830S21I-01 Datasheet
548Kb / 13P
1-to-1 2.5V, 3.3V Differential-to-LVCMOS/LVTTL Translator
December 10, 2015
830S21I RENESAS-830S21I_V01 Datasheet
401Kb / 10P
1-to-1 2.5V, 3.3V Differential-to-LVCMOS/LVTTL
November 7, 2024
More results


Similar Description - 830S21I

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS83021I ICST-ICS83021I Datasheet
158Kb / 11P
2.5V, 3.3V DIFFERENTIAL-TO-LVCMOS/LVTTL TRANSLATOR
REV. B JUNE 30, 2004
ICS830-21I ICST-ICS830-21I Datasheet
160Kb / 12P
2.5V, 3.3V DIFFERENTIAL-TO-LVCMOS/LVTTL TRANSLATOR
logo
Integrated Device Techn...
ICS830S21I IDT-ICS830S21I Datasheet
693Kb / 11P
1-TO-1 2.5V, 3.3V DIFFERENTIAL-TOLVCMOS/LVTTL TRANSLATOR
ICS830S21I-01 IDT-ICS830S21I-01 Datasheet
4Mb / 11P
1-TO-1 2.5V, 3.3V DIFFERENTIAL-TOLVCMOS/LVTTL TRANSLATOR
ICS83021I IDT-ICS83021I Datasheet
654Kb / 12P
1-TO-1 DIFFERENTIAL- TO-LVCMOS/LVTTL TRANSLATOR
logo
Pericom Semiconductor C...
PI6C49X0201 PERICOM-PI6C49X0201 Datasheet
1Mb / 6P
1-To-1 Differential-to-LVCMOS/LVTTL Translator
logo
Micrel Semiconductor
SY733021U MICREL-SY733021U Datasheet
556Kb / 11P
2.5/3.3V 1-to-1 Differential to LVCMOS/LVTTL Translator
logo
Integrated Device Techn...
83021I IDT-83021I Datasheet
320Kb / 12P
1-to-1 Differential-to-LVCMOS/LVTTL Translator
logo
Renesas Technology Corp
830S21I-01 RENESAS-830S21I-01 Datasheet
548Kb / 13P
1-to-1 2.5V, 3.3V Differential-to-LVCMOS/LVTTL Translator
December 10, 2015
83021I RENESAS-83021I Datasheet
513Kb / 13P
1-to-1 Differential-to-LVCMOS/LVTTL Translator
December 14, 2015
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com