Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

83021I Datasheet (PDF) - Renesas Technology Corp

83021I Datasheet PDF - Renesas Technology Corp
Part # 83021I
Download  83021I Download
File Size   513.32 Kbytes
Page   13 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 1-to-1 Differential-to-LVCMOS/LVTTL Translator

83021I Datasheet (PDF)

Go To PDF Page Download Datasheet
83021I Datasheet PDF - Renesas Technology Corp

Part # 83021I
Download  83021I Click to download

File Size   513.32 Kbytes
Page   13 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 1-to-1 Differential-to-LVCMOS/LVTTL Translator

83021I Datasheet (HTML) - Renesas Technology Corp


83021I Product details

Features
• One LVCMOS/LVTTL output
• Differential CLK/nCLK input pair
• CLK/nCLK pair can accept the following differential
input levels: LVPECL, LVDS, LVHSTL, SSTL, HCSL
• Output frequency: 350MHz (typical)
• Part-to-part skew: 500ps (maximum)
• Additive phase jitter, RMS: 0.21ps (typical), 3.3V output
• Full 3.3V and 2.5V operating supply
• -40°C to 85°C ambient operating temperature




Similar Part No. - 83021I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
83021I IDT-83021I Datasheet
320Kb / 12P
1-to-1 Differential-to-LVCMOS/LVTTL Translator
More results


Similar Description - 83021I

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS85222-02 ICST-ICS85222-02 Datasheet
130Kb / 10P
1-TO-2 LVCMOS / LVTTL-TO DIFFERENTIAL HSTL TRANSLATOR
REV. A JANUARY 25, 2006
logo
Integrated Device Techn...
ICS83021I IDT-ICS83021I Datasheet
654Kb / 12P
1-TO-1 DIFFERENTIAL- TO-LVCMOS/LVTTL TRANSLATOR
logo
Pericom Semiconductor C...
PI6C49X0201 PERICOM-PI6C49X0201 Datasheet
1Mb / 6P
1-To-1 Differential-to-LVCMOS/LVTTL Translator
logo
Micrel Semiconductor
SY733021U MICREL-SY733021U Datasheet
556Kb / 11P
2.5/3.3V 1-to-1 Differential to LVCMOS/LVTTL Translator
logo
Integrated Device Techn...
83021I IDT-83021I Datasheet
320Kb / 12P
1-to-1 Differential-to-LVCMOS/LVTTL Translator
ICS85222I-02 IDT-ICS85222I-02 Datasheet
257Kb / 12P
1-to-2, LVCMOS/LVTTL- To- Differential HSTL Translator
logo
Renesas Technology Corp
830S21I-01 RENESAS-830S21I-01 Datasheet
548Kb / 13P
1-to-1 2.5V, 3.3V Differential-to-LVCMOS/LVTTL Translator
December 10, 2015
830S21I RENESAS-830S21I Datasheet
547Kb / 13P
1-to-1 2.5V, 3.3V Differential-to-LVCMOS/LVTTL Translator
December 10, 2015
85222-02 RENESAS-85222-02 Datasheet
364Kb / 13P
1-to-2, LVCMOS/LVTTL-to-Differential HSTL Translator
6/15/15
ICS85222I-02 RENESAS-ICS85222I-02 Datasheet
687Kb / 13P
1-to-2, LVCMOS/LVTTL- To- Differential HSTL Translator
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com