Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

83PR226I-01 Datasheet (PDF) - Renesas Technology Corp

83PR226I-01 Datasheet PDF - Renesas Technology Corp
Part # 83PR226I-01
Download  83PR226I-01 Download
File Size   980.79 Kbytes
Page   23 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Programmable FemtoClock® LVPECL Oscillator Replacement

83PR226I-01 Datasheet (PDF)

Go To PDF Page Download Datasheet
83PR226I-01 Datasheet PDF - Renesas Technology Corp

Part # 83PR226I-01
Download  83PR226I-01 Click to download

File Size   980.79 Kbytes
Page   23 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Programmable FemtoClock® LVPECL Oscillator Replacement

83PR226I-01 Datasheet (HTML) - Renesas Technology Corp


83PR226I-01 Product details

Description
The 83PR226I-01 is a programmable LVPECL synthesizer that is
“forward” footprint compatible with standard 5mm x 7mm oscillators.
Forward footprint compatibility means, a board is designed to
accommodate the crystal oscillator interface, and the optional
control pins are also fully compatible with a canned oscillator
footprint (the canned oscillator will drop onto the 10-VFQFN footprint
for second sourcing purposes). This capability provides designers
with programability and lead time advantages of silicon/crystal based
solutions, while maintaining compatibility with industry standard
5mm x 7mm oscillator footprints for ease of supply chain
management. Oscillator-level performance is maintained with IDT’s
3rd generation FemtoClock® PLL technology, which delivers sub 1ps
RMS phase jitter.
The 83PR226I-01 defaults to 125MHz using a 25MHz crystal with all
4 of the programming pins floating (pulled HIGH with internal pullup
resistors), but can be also be set to 15 different frequency multiplier
settings to support a wide variety of applications. The table below
shows some of the more common application settings.

Features
• Footprint compatible with 5mm x 7mm differential oscillators
• One differential LVPECL output pair
• Crystal oscillator interface which can also be overdriven a
single-ended or differential reference clock
• Output frequency range: 83.33MHz – 213.33MHz
• Crystal/Input frequency range: 15.625MHz – 32MHz
• VCO range: 500MHz – 640MHz
• PCI Express (2.5Gb/s) and Gen 2 (5 Gb/s) jitter compliant
• Cycle-to-cycle jitter: 45ps (maximum)
• RMS phase jitter @ 125MHz, 1.875MHz – 20MHz:
0.47ps (typical)
• Full 3.3V or 2.5V operating supply
• -40°C to 85°C ambient operating temperature
• Available in lead-free (RoHS 6) packages




Similar Part No. - 83PR226I-01

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
83PR226I-01 IDT-83PR226I-01 Datasheet
769Kb / 22P
Programmable FemtoClock LVPECL Oscillator Replacement
83PR226I-01 IDT-83PR226I-01 Datasheet
618Kb / 22P
Programmable FemtoClock LVPECL Oscillator Replacement
83PR226I-01 IDT-83PR226I-01_17 Datasheet
618Kb / 22P
Programmable FemtoClock LVPECL Oscillator Replacement
More results


Similar Description - 83PR226I-01

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
83PR226I-01 IDT-83PR226I-01 Datasheet
769Kb / 22P
Programmable FemtoClock LVPECL Oscillator Replacement
83PN156I IDT-83PN156I Datasheet
258Kb / 19P
Programmable FemtoClock NG LVPECL Oscillator Replacement
83PN187I IDT-83PN187I Datasheet
273Kb / 22P
Programmable FemtoClock NG LVPECL Oscillator Replacement
83PR226I-01 IDT-83PR226I-01_17 Datasheet
618Kb / 22P
Programmable FemtoClock LVPECL Oscillator Replacement
83PN15639 IDT-83PN15639 Datasheet
343Kb / 21P
Programmable FemtoClock NG 3.3V, 2.5V LVPECL Oscillator Replacement
logo
Renesas Technology Corp
83PN15639 RENESAS-83PN15639 Datasheet
535Kb / 22P
Programmable FemtoClock® NG 3.3V, 2.5V LVPECL Oscillator Replacement
August 16, 2016
ICS83PN148I RENESAS-ICS83PN148I Datasheet
662Kb / 20P
Programmable FemtoClock® NG LVPECL Oscillator Replacement
2019
ICS83PN625I RENESAS-ICS83PN625I Datasheet
460Kb / 22P
Programmable FemtoClock® NG LVPECL Oscillator Replacement
2019
83PN187I RENESAS-83PN187I Datasheet
521Kb / 23P
Programmable FemtoClock® NG LVPECL Oscillator Replacement
March 4, 2016
83PN156I RENESAS-83PN156I Datasheet
501Kb / 20P
Programmable FemtoClock® NG LVPECL Oscillator Replacement
March 4, 2016
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com