Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS83PN148I Datasheet (PDF) - Renesas Technology Corp

ICS83PN148I Datasheet PDF - Renesas Technology Corp
Part # ICS83PN148I
Download  ICS83PN148I Download
File Size   662.86 Kbytes
Page   20 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Programmable FemtoClock® NG LVPECL Oscillator Replacement

ICS83PN148I Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS83PN148I Datasheet PDF - Renesas Technology Corp

Part # ICS83PN148I
Download  ICS83PN148I Click to download

File Size   662.86 Kbytes
Page   20 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Programmable FemtoClock® NG LVPECL Oscillator Replacement

ICS83PN148I Datasheet (HTML) - Renesas Technology Corp


ICS83PN148I Product details

Features
• Fourth Generation FemtoClock® Next Generation (NG)
technology
• Footprint compatible with 5mm x 7mm differential oscillators
• One differential LVPECL output pair
• Crystal oscillator interface can also be overdriven by a
single-ended reference clock
• Output frequency range: 54MHz –148.5MHz
• Crystal/input frequency: 27MHz, parallel resonant crystal
• VCO range: 2GHz – 2.5GHz
• Cycle-to-cycle jitter: 10ps (maximum), 3.3V±5%
• RMS phase jitter @ 148.5MHz, 12kHz – 20MHz:
0.332ps (typical)
• Full 3.3V or 2.5V operating supply
• -40°C to 85°C ambient operating temperature
• Available in lead-free (RoHS 6) package




Similar Part No. - ICS83PN148I

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS83PN128I RENESAS-ICS83PN128I Datasheet
512Kb / 22P
Programmable FemtoClock® NG Differential-to-3.3V, 2.5V LVPECL Synthesizer
2019
ICS83PN161I RENESAS-ICS83PN161I Datasheet
480Kb / 24P
Programmable FemtoClock® NG Differential-to-3.3V, 2.5V LVPECL Synthesizer
2019
More results


Similar Description - ICS83PN148I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
83PR226I-01 IDT-83PR226I-01 Datasheet
769Kb / 22P
Programmable FemtoClock LVPECL Oscillator Replacement
83PN156I IDT-83PN156I Datasheet
258Kb / 19P
Programmable FemtoClock NG LVPECL Oscillator Replacement
83PN187I IDT-83PN187I Datasheet
273Kb / 22P
Programmable FemtoClock NG LVPECL Oscillator Replacement
83PR226I-01 IDT-83PR226I-01_17 Datasheet
618Kb / 22P
Programmable FemtoClock LVPECL Oscillator Replacement
83PN15639 IDT-83PN15639 Datasheet
343Kb / 21P
Programmable FemtoClock NG 3.3V, 2.5V LVPECL Oscillator Replacement
logo
Renesas Technology Corp
83PN15639 RENESAS-83PN15639 Datasheet
535Kb / 22P
Programmable FemtoClock® NG 3.3V, 2.5V LVPECL Oscillator Replacement
August 16, 2016
83PR226I-01 RENESAS-83PR226I-01 Datasheet
980Kb / 23P
Programmable FemtoClock® LVPECL Oscillator Replacement
October 6, 2017
ICS83PN625I RENESAS-ICS83PN625I Datasheet
460Kb / 22P
Programmable FemtoClock® NG LVPECL Oscillator Replacement
2019
83PN187I RENESAS-83PN187I Datasheet
521Kb / 23P
Programmable FemtoClock® NG LVPECL Oscillator Replacement
March 4, 2016
83PN156I RENESAS-83PN156I Datasheet
501Kb / 20P
Programmable FemtoClock® NG LVPECL Oscillator Replacement
March 4, 2016
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com