Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS83PN161I Datasheet (PDF) - Renesas Technology Corp

ICS83PN161I Datasheet PDF - Renesas Technology Corp
Part # ICS83PN161I
Download  ICS83PN161I Download
File Size   480.75 Kbytes
Page   24 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Programmable FemtoClock® NG Differential-to-3.3V, 2.5V LVPECL Synthesizer

ICS83PN161I Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS83PN161I Datasheet PDF - Renesas Technology Corp

Part # ICS83PN161I
Download  ICS83PN161I Click to download

File Size   480.75 Kbytes
Page   24 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Programmable FemtoClock® NG Differential-to-3.3V, 2.5V LVPECL Synthesizer

ICS83PN161I Datasheet (HTML) - Renesas Technology Corp


ICS83PN161I Product details

General Description
The ICS83PN161i is LVPECL output synthesizer designed for
converting forward-error correction (FEC) clock frequencies in 10
GB Ethernet LAN/WAN transport applications. The device is
optimized for an input frequency of 156.25MHz and supports four
FEC rate conversions: 33/32, 255/237, 255/238 and 235/236. The
conversion rate is pin-selectable and one of four rates are supported
at a time. In the default configuration, an input clock of 156.25MHz is
converted to an output clock of 168.8294492MHz (255/236).
The device uses IDT's fourth Generation of FemtoClock® NG
technology to deliver low phase noise clocks combined with a low
power consumption. The RMS phase jitter at 168.8294492MHz
output frequency is 0.533ps (12kHz-20MHz integration range).

Features
• Fourth Generation FemtoClock® Next Generation (NG)
technology
• Footprint compatible with 5mm x 7mm differential oscillators
• 10 Gb Ethernet LAN/WAN FEC clock converter
• Supports 33/32, 255/237, 255/238, 255/236 rate conversions
• Optimized for an input clock frequency of 156.25MHz
• One differential LVPECL output pair
• CLK, nCLK input pair can accept the following levels: HCSL,
LVDS, LVPECL, LVHSTL and SSTL
• Output frequency range: 161.1328125MHz – 168.8294492MHz
• VCO range: 2.0GHz – 2.5GHz
• Cycle-to-cycle jitter: 18ps (typical)
• RMS phase jitter, 12kHz – 20MHz: 0.533ps (typical)
• Full 3.3V or 2.5V operating supply
• -40°C to 85°C ambient operating temperature
• Available in lead-free (RoHS 6) package




Similar Part No. - ICS83PN161I

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS83PN128I RENESAS-ICS83PN128I Datasheet
512Kb / 22P
Programmable FemtoClock® NG Differential-to-3.3V, 2.5V LVPECL Synthesizer
2019
ICS83PN148I RENESAS-ICS83PN148I Datasheet
662Kb / 20P
Programmable FemtoClock® NG LVPECL Oscillator Replacement
2019
More results


Similar Description - ICS83PN161I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
83PN15639 IDT-83PN15639 Datasheet
343Kb / 21P
Programmable FemtoClock NG 3.3V, 2.5V LVPECL Oscillator Replacement
logo
Renesas Technology Corp
8N3PG10MBKI-062 RENESAS-8N3PG10MBKI-062 Datasheet
821Kb / 22P
Programmable FemtoClock® NG Differential-to-3.3V, 2.5V LVPECL Synthesizer
January 28, 2016
8N3PG10MBKI-161 RENESAS-8N3PG10MBKI-161 Datasheet
819Kb / 24P
FemtoClock® NG Differential-to-3.3V, 2.5V LVPECL Synthesizer
January 28, 2016
83PN15639 RENESAS-83PN15639 Datasheet
535Kb / 22P
Programmable FemtoClock® NG 3.3V, 2.5V LVPECL Oscillator Replacement
August 16, 2016
843022I-48 RENESAS-843022I-48 Datasheet
382Kb / 17P
FemtoClock® Crystal-to-3.3V, 2.5V LVPECL Clock Synthesizer
9/25/15
ICS83PN128I RENESAS-ICS83PN128I Datasheet
512Kb / 22P
Programmable FemtoClock® NG Differential-to-3.3V, 2.5V LVPECL Synthesizer
2019
843N252-45 RENESAS-843N252-45 Datasheet
488Kb / 17P
FemtoClock® NG Crystal-to-3.3V LVPECL Frequency Synthesizer
April 20, 2016
ICS843004I-156 RENESAS-ICS843004I-156 Datasheet
435Kb / 20P
FemtoClock® Crystal-to-3.3V, 2.5V LVPECL Frequency Synthesizer
FEBRUARY 27, 2013
ICS8N3PGDAMBKI-025 RENESAS-ICS8N3PGDAMBKI-025 Datasheet
641Kb / 21P
Programmable FemtoClock® NG Differential-to-3.3V, 2.5V LVPECL Synthesizer
2019
ICS843004I-09 RENESAS-ICS843004I-09 Datasheet
776Kb / 19P
FemtoClock® Crystal-to-3.3V, 2.5V LVPECL Frequency Synthesizer
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com