Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS843004I-09 Datasheet (PDF) - Renesas Technology Corp

ICS843004I-09 Datasheet PDF - Renesas Technology Corp
Part # ICS843004I-09
Download  ICS843004I-09 Download
File Size   776.47 Kbytes
Page   19 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClock® Crystal-to-3.3V, 2.5V LVPECL Frequency Synthesizer

ICS843004I-09 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS843004I-09 Datasheet PDF - Renesas Technology Corp

Part # ICS843004I-09
Download  ICS843004I-09 Click to download

File Size   776.47 Kbytes
Page   19 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClock® Crystal-to-3.3V, 2.5V LVPECL Frequency Synthesizer

ICS843004I-09 Datasheet (HTML) - Renesas Technology Corp


ICS843004I-09 Product details

Features
• Four 3.3V differential LVPECL output pairs
• Selectable crystal oscillator interface
or LVCMOS/LVTTL single-ended clock input
• Supports the following output frequencies: 156.25MHz, 125MHz,
62.5MHz
• VCO range: 560MHz – 680MHz
• RMS phase jitter @ 156.25MHz, using a 25MHz crystal
(1.875MHz – 20MHz): 0.54ps (typical)
• Full 3.3V or 2.5V supply modes
• -40°C to 85°C ambient operating temperature
• Available in both standard (RoHS 5) and lead-free (RoHS 6)
packages




Similar Part No. - ICS843004I-09

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS843004I-01 ICST-ICS843004I-01 Datasheet
254Kb / 14P
FEMTOCLOCKS-TM CRYSTAL-TO- 3.3V, 2.5V LVPECL FREQUENCY SYNTHESIZER
REV. A FEBRUARY 11, 2005
ICS843004I-04 ICST-ICS843004I-04 Datasheet
186Kb / 14P
FEMTOCLOCKS-TM CRYSTAL/LVCMOS-TO- 3.3V LVPECL FREQUENCY SYNTHESIZER
REV. A FEBRUARY 15, 2006
More results


Similar Description - ICS843004I-09

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
843004I-01 IDT-843004I-01 Datasheet
406Kb / 19P
FemtoClock Crystal-to-3.3V, 2.5V LVPECL Frequency Synthesizer
ICS843004I-156 IDT-ICS843004I-156 Datasheet
246Kb / 19P
FemtoClock Crystal-to-3.3V, 2.5V LVPECL Frequency Synthesizer
logo
Renesas Technology Corp
843003I-01 RENESAS-843003I-01 Datasheet
431Kb / 18P
FemtoClock® Crystal-to-3.3V LVPECL Frequency Synthesizer
DECEMBER 8, 2014
843004I RENESAS-843004I Datasheet
534Kb / 20P
FemtoClock® LVCMOS/Crystal-to-3.3V, 2.5V LVPECL Frequency Synthesizer
12/9/14
843204I-01 RENESAS-843204I-01 Datasheet
386Kb / 15P
FemtoClock® Crystal-to-3.3V LVPECL Frequency Synthesizer
11/5/15
843252 RENESAS-843252 Datasheet
572Kb / 18P
FemtoClock® Crystal-to- 3.3V LVPECL Frequency Synthesizer
January 20, 2016
8430252-45 RENESAS-8430252-45 Datasheet
436Kb / 18P
FemtoClock® Crystal-to-3.3V LVPECL Frequency Synthesizer
5/27/15
ICS843004I-156 RENESAS-ICS843004I-156 Datasheet
435Kb / 20P
FemtoClock® Crystal-to-3.3V, 2.5V LVPECL Frequency Synthesizer
FEBRUARY 27, 2013
ICS843801I-24 RENESAS-ICS843801I-24 Datasheet
849Kb / 18P
FemtoClock® Crystal-to-3.3V, 2.5V LVPECL 400MHz Frequency Synthesizer
2001
843004I-01 RENESAS-843004I-01 Datasheet
598Kb / 20P
FemtoClock® Crystal-to-3.3V, 2.5V LVPECL Frequency Synthesizer
January 18, 2016
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com