Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

843003I-01 Datasheet (PDF) - Renesas Technology Corp

843003I-01 Datasheet PDF - Renesas Technology Corp
Part # 843003I-01
Download  843003I-01 Download
File Size   431.41 Kbytes
Page   18 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClock® Crystal-to-3.3V LVPECL Frequency Synthesizer

843003I-01 Datasheet (PDF)

Go To PDF Page Download Datasheet
843003I-01 Datasheet PDF - Renesas Technology Corp

Part # 843003I-01
Download  843003I-01 Click to download

File Size   431.41 Kbytes
Page   18 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClock® Crystal-to-3.3V LVPECL Frequency Synthesizer

843003I-01 Datasheet (HTML) - Renesas Technology Corp


843003I-01 Product details

GENERAL DESCRIPTION
The 843003i-01 is a 3 differential output LVPECL Synthesizer
designed to generate Ethernet reference clock frequencies. Using
a 19.53125MHz or 25MHz, 18pF parallel resonant crystal, the
following frequencies can be generated based on the settings
of 4 frequency select pins (DIV_SEL[A1:A0], DIV_SEL[B1:B0]):
625MHz, 312.5MHz, 156.25MHz, and 125MHz. The 843003I-01
has 2 output banks, Bank A with 1 differential LVPECL output pair
and Bank B with 2 differential LVPECL output pairs.
The two banks have their own dedicated frequency select pins and
can be independently set for the frequencies mentioned above.
The 843003i-01 uses ICS’ 3rd generation low phase noise VCO
technology and can achieve 1ps or lower typical rms phase jitter,
easily meeting Ethernet jitter requirements. The 843003i-01 is
packaged in a small 24-pin TSSOP package.

FEATURES
• Three 3.3V LVPECL outputs on two banks, A Bank with one
LVPECL pair and B Bank with two LVPECL output pairs
• Using a 19.53125MHz or 25MHz crystal, the two output banks
can be independently set for 625MHz, 312.5MHz, 156.25MHz
or 125MHz
• Selectable crystal oscillator interface or LVCMOS/LVTTL single-ended input
• VCO range: 490MHz to 680MHz
• RMS phase jitter @ 156.25MHz (1.875MHz - 20MHz):
0.53ps (typical)
• 3.3V output supply mode
• -40°C to 85°C ambient operating temperature
• Available in lead-free RoHS compliant package




Similar Part No. - 843003I-01

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
843003I-01 IDT-843003I-01 Datasheet
233Kb / 17P
FemtoClock Crystal-to-3.3V LVPECL Frequency Synthesizer
More results


Similar Description - 843003I-01

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
8V43042 RENESAS-8V43042 Datasheet
702Kb / 20P
FemtoClock® Crystal-to-3.3V LVPECL Frequency Synthesizer
November 3, 2016
843002-01 RENESAS-843002-01 Datasheet
518Kb / 18P
FemtoClock® Crystal-to-3.3V LVPECL Frequency Synthesizer
4/6/15
843204I-01 RENESAS-843204I-01 Datasheet
386Kb / 15P
FemtoClock® Crystal-to-3.3V LVPECL Frequency Synthesizer
11/5/15
843252-45 RENESAS-843252-45 Datasheet
455Kb / 14P
FemtoClock® Crystal-to-3.3V LVPECL Frequency Synthesizer
November 7, 2016
843252 RENESAS-843252 Datasheet
572Kb / 18P
FemtoClock® Crystal-to- 3.3V LVPECL Frequency Synthesizer
January 20, 2016
8430252-45 RENESAS-8430252-45 Datasheet
436Kb / 18P
FemtoClock® Crystal-to-3.3V LVPECL Frequency Synthesizer
5/27/15
8430252I-45 RENESAS-8430252I-45 Datasheet
294Kb / 17P
FemtoClock® Crystal-to-3.3V LVPECL Frequency Synthesizer
DECEMBER 9, 2014
843002 RENESAS-843002 Datasheet
571Kb / 18P
Femtoclock® Crystal-to-3.3V LVPECL Frequency Synthesizer
January 21, 2016
843004-125 RENESAS-843004-125 Datasheet
454Kb / 16P
FemtoClock® Crystal-to-3.3V LVPECL Frequency Synthesizer
January 18, 2016
843204I RENESAS-843204I Datasheet
606Kb / 17P
FemtoClock® Crystal-to-3.3V LVPECL Frequency Synthesizer
January 19, 2016
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com