Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

843002 Datasheet (PDF) - Renesas Technology Corp

843002 Datasheet PDF - Renesas Technology Corp
Part # 843002
Download  843002 Download
File Size   571.83 Kbytes
Page   18 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Femtoclock® Crystal-to-3.3V LVPECL Frequency Synthesizer

843002 Datasheet (PDF)

Go To PDF Page Download Datasheet
843002 Datasheet PDF - Renesas Technology Corp

Part # 843002
Download  843002 Click to download

File Size   571.83 Kbytes
Page   18 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Femtoclock® Crystal-to-3.3V LVPECL Frequency Synthesizer

843002 Datasheet (HTML) - Renesas Technology Corp


843002 Product details

FEATURES
• Two 3.3V LVPECL outputs
• Selectable crystal oscillator interface
or LVCMOS/LVTTL single-ended input
• Supports the following output frequencies: 212.5MHz,
187.5MHz, 159.375MHz, 106.25MHz and 53.125MHz
• VCO range: 560MHz - 680MHz
• RMS phase jitter (637kHz - 10MHz): 0.72ps (typical)
• Typical phase noise at 212.5MHz
Phase noise:
Offset Noise Power
100Hz ................-87.7 dBc/Hz
1KHz ..............-111.6 dBc/Hz
10KHz ..............-124.3 dBc/Hz
100KHz ..............-124.3 dBc/Hz
• Full 3.3V supply mode
• Lead-Free package RoHS compliant




Similar Part No. - 843002

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
843002 IDT-843002 Datasheet
379Kb / 17P
Femtoclock Crystal-to-3.3V LVPECL Frequency Synthesizer
843002-01 IDT-843002-01 Datasheet
289Kb / 17P
FemtoClock Crystal-to-3.3V LVPECL Frequency Synthesizer
logo
Renesas Technology Corp
843002-01 RENESAS-843002-01 Datasheet
518Kb / 18P
FemtoClock® Crystal-to-3.3V LVPECL Frequency Synthesizer
4/6/15
logo
Integrated Device Techn...
843002AGI-01LF IDT-843002AGI-01LF Datasheet
304Kb / 17P
LVPECL Frequency Synthesizer
843002AGI-01LFT IDT-843002AGI-01LFT Datasheet
304Kb / 17P
LVPECL Frequency Synthesizer
More results


Similar Description - 843002

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
8V43042 RENESAS-8V43042 Datasheet
702Kb / 20P
FemtoClock® Crystal-to-3.3V LVPECL Frequency Synthesizer
November 3, 2016
843002-01 RENESAS-843002-01 Datasheet
518Kb / 18P
FemtoClock® Crystal-to-3.3V LVPECL Frequency Synthesizer
4/6/15
843003I-01 RENESAS-843003I-01 Datasheet
431Kb / 18P
FemtoClock® Crystal-to-3.3V LVPECL Frequency Synthesizer
DECEMBER 8, 2014
843204I-01 RENESAS-843204I-01 Datasheet
386Kb / 15P
FemtoClock® Crystal-to-3.3V LVPECL Frequency Synthesizer
11/5/15
843252-45 RENESAS-843252-45 Datasheet
455Kb / 14P
FemtoClock® Crystal-to-3.3V LVPECL Frequency Synthesizer
November 7, 2016
843252 RENESAS-843252 Datasheet
572Kb / 18P
FemtoClock® Crystal-to- 3.3V LVPECL Frequency Synthesizer
January 20, 2016
8430252-45 RENESAS-8430252-45 Datasheet
436Kb / 18P
FemtoClock® Crystal-to-3.3V LVPECL Frequency Synthesizer
5/27/15
8430252I-45 RENESAS-8430252I-45 Datasheet
294Kb / 17P
FemtoClock® Crystal-to-3.3V LVPECL Frequency Synthesizer
DECEMBER 9, 2014
843004-125 RENESAS-843004-125 Datasheet
454Kb / 16P
FemtoClock® Crystal-to-3.3V LVPECL Frequency Synthesizer
January 18, 2016
843204I RENESAS-843204I Datasheet
606Kb / 17P
FemtoClock® Crystal-to-3.3V LVPECL Frequency Synthesizer
January 19, 2016
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com