Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

843204I Datasheet (PDF) - Renesas Technology Corp

843204I Datasheet PDF - Renesas Technology Corp
Part # 843204I
Download  843204I Download
File Size   606.38 Kbytes
Page   17 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClock® Crystal-to-3.3V LVPECL Frequency Synthesizer

843204I Datasheet (PDF)

Go To PDF Page Download Datasheet
843204I Datasheet PDF - Renesas Technology Corp

Part # 843204I
Download  843204I Click to download

File Size   606.38 Kbytes
Page   17 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClock® Crystal-to-3.3V LVPECL Frequency Synthesizer

843204I Datasheet (HTML) - Renesas Technology Corp


843204I Product details

FEATURES
• Four 3.3V LVPECL outputs
• Selectable crystal oscillator interface
or LVCMOS/LVTTL single-ended input
• Supports the following output frequencies: 155.52MHz
and 156.25MHz
• VCO range: 560MHz - 680MHz
• RMS phase jitter @ 155.52MHz, using a 19.44MHz crystal
(12kHz - 20MHz): 0.98ps (typical)
• RMS phase jitter @ 156.25MHz, using a 19.44MHz crystal
(1.875MHz - 20MHz): 0.52ps (typical)
• Full 3.3V supply mode
• -40°C to 85°C ambient operating temperature
• Available in lead-free (RoHS 6) package




Similar Part No. - 843204I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
843204I-01 IDT-843204I-01 Datasheet
186Kb / 14P
FemtoClock짰 Crystal-to-3.3V LVPECL Frequency Synthesizer
logo
Renesas Technology Corp
843204I-01 RENESAS-843204I-01 Datasheet
386Kb / 15P
FemtoClock® Crystal-to-3.3V LVPECL Frequency Synthesizer
11/5/15
More results


Similar Description - 843204I

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
8V43042 RENESAS-8V43042 Datasheet
702Kb / 20P
FemtoClock® Crystal-to-3.3V LVPECL Frequency Synthesizer
November 3, 2016
843002-01 RENESAS-843002-01 Datasheet
518Kb / 18P
FemtoClock® Crystal-to-3.3V LVPECL Frequency Synthesizer
4/6/15
843003I-01 RENESAS-843003I-01 Datasheet
431Kb / 18P
FemtoClock® Crystal-to-3.3V LVPECL Frequency Synthesizer
DECEMBER 8, 2014
843204I-01 RENESAS-843204I-01 Datasheet
386Kb / 15P
FemtoClock® Crystal-to-3.3V LVPECL Frequency Synthesizer
11/5/15
843252-45 RENESAS-843252-45 Datasheet
455Kb / 14P
FemtoClock® Crystal-to-3.3V LVPECL Frequency Synthesizer
November 7, 2016
843252 RENESAS-843252 Datasheet
572Kb / 18P
FemtoClock® Crystal-to- 3.3V LVPECL Frequency Synthesizer
January 20, 2016
8430252-45 RENESAS-8430252-45 Datasheet
436Kb / 18P
FemtoClock® Crystal-to-3.3V LVPECL Frequency Synthesizer
5/27/15
8430252I-45 RENESAS-8430252I-45 Datasheet
294Kb / 17P
FemtoClock® Crystal-to-3.3V LVPECL Frequency Synthesizer
DECEMBER 9, 2014
843002 RENESAS-843002 Datasheet
571Kb / 18P
Femtoclock® Crystal-to-3.3V LVPECL Frequency Synthesizer
January 21, 2016
843004-125 RENESAS-843004-125 Datasheet
454Kb / 16P
FemtoClock® Crystal-to-3.3V LVPECL Frequency Synthesizer
January 18, 2016
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com