Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8V43042 Datasheet (PDF) - Renesas Technology Corp

8V43042 Datasheet PDF - Renesas Technology Corp
Part # 8V43042
Download  8V43042 Download
File Size   702.05 Kbytes
Page   20 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClock® Crystal-to-3.3V LVPECL Frequency Synthesizer

8V43042 Datasheet (PDF)

Go To PDF Page Download Datasheet
8V43042 Datasheet PDF - Renesas Technology Corp

Part # 8V43042
Download  8V43042 Click to download

File Size   702.05 Kbytes
Page   20 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClock® Crystal-to-3.3V LVPECL Frequency Synthesizer

8V43042 Datasheet (HTML) - Renesas Technology Corp


8V43042 Product details

General Description
The 8V43042 is a two output LVPECL synthesizer optimized to
generate low jitter reference clock sources. Using a 25MHz or
24MHz, 12pF parallel resonant crystal, it can generate 156.25MHz
or 150MHz, The 8V43042 uses 8V43042’s 3rd generation low phase
noise VCO technology and can achieve 1ps or lower typical RMS
phase jitter, easily meeting Ethernet jitter requirements. The
8V43042 is packaged in a small 20-pin TSSOP package.

Features
• Two 3.3V differential LVPECL output pairs
• Selectable crystal oscillator interface or LVCMOS/LVTTL
single-ended clock input
• Supports the following output frequencies: 156.25MHz, 150MHz
• RMS phase jitter @ 156.25MHz, using a 25MHz crystal
(1.875MHz – 20MHz): 0.437ps (typical)
• Full 3.3V supply modes
• 0°C to 70°C ambient operating temperature
• Lead-free (RoHS 6) packaging




Similar Part No. - 8V43042

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8V43042 IDT-8V43042 Datasheet
397Kb / 19P
FemtoClock Crystal-to-3 .3V LVPECL Frequency Synthesizer
8V43042PGG IDT-8V43042PGG Datasheet
397Kb / 19P
FemtoClock Crystal-to-3 .3V LVPECL Frequency Synthesizer
8V43042PGG8 IDT-8V43042PGG8 Datasheet
397Kb / 19P
FemtoClock Crystal-to-3 .3V LVPECL Frequency Synthesizer
More results


Similar Description - 8V43042

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
843002-01 RENESAS-843002-01 Datasheet
518Kb / 18P
FemtoClock® Crystal-to-3.3V LVPECL Frequency Synthesizer
4/6/15
843003I-01 RENESAS-843003I-01 Datasheet
431Kb / 18P
FemtoClock® Crystal-to-3.3V LVPECL Frequency Synthesizer
DECEMBER 8, 2014
843204I-01 RENESAS-843204I-01 Datasheet
386Kb / 15P
FemtoClock® Crystal-to-3.3V LVPECL Frequency Synthesizer
11/5/15
843252-45 RENESAS-843252-45 Datasheet
455Kb / 14P
FemtoClock® Crystal-to-3.3V LVPECL Frequency Synthesizer
November 7, 2016
843252 RENESAS-843252 Datasheet
572Kb / 18P
FemtoClock® Crystal-to- 3.3V LVPECL Frequency Synthesizer
January 20, 2016
8430252-45 RENESAS-8430252-45 Datasheet
436Kb / 18P
FemtoClock® Crystal-to-3.3V LVPECL Frequency Synthesizer
5/27/15
8430252I-45 RENESAS-8430252I-45 Datasheet
294Kb / 17P
FemtoClock® Crystal-to-3.3V LVPECL Frequency Synthesizer
DECEMBER 9, 2014
843002 RENESAS-843002 Datasheet
571Kb / 18P
Femtoclock® Crystal-to-3.3V LVPECL Frequency Synthesizer
January 21, 2016
843004-125 RENESAS-843004-125 Datasheet
454Kb / 16P
FemtoClock® Crystal-to-3.3V LVPECL Frequency Synthesizer
January 18, 2016
843204I RENESAS-843204I Datasheet
606Kb / 17P
FemtoClock® Crystal-to-3.3V LVPECL Frequency Synthesizer
January 19, 2016
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com