Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

843252-45 Datasheet (PDF) - Renesas Technology Corp

843252-45 Datasheet PDF - Renesas Technology Corp
Part # 843252-45
Download  843252-45 Download
File Size   455.01 Kbytes
Page   14 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClock® Crystal-to-3.3V LVPECL Frequency Synthesizer

843252-45 Datasheet (PDF)

Go To PDF Page Download Datasheet
843252-45 Datasheet PDF - Renesas Technology Corp

Part # 843252-45
Download  843252-45 Click to download

File Size   455.01 Kbytes
Page   14 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClock® Crystal-to-3.3V LVPECL Frequency Synthesizer

843252-45 Datasheet (HTML) - Renesas Technology Corp


843252-45 Product details

General Description
The 843252-45 is a 2 LVPECL output Synthesizer optimized to
generate Ethernet reference clock frequencies. Using a 25MHz,
18pF parallel resonant crystal, the following frequencies can be
generated: 156.25MHz and 125MHz. The 843252-45 uses IDT’s 3rd
generation low phase noise VCO technology and can achieve 1ps
or lower typical rms phase jitter, easily meeting Ethernet jitter
requirements. The 843252-45 is packaged in a small 16-pin TSSOP
package.

Features
• Two differential LVPECL output pairs
• Crystal oscillator interface designed for a 25MHz, 18pF parallel
resonant crystal
• A 25MHz crystal generates output frequencies of: 156.25MHz
and 125MHz
• VCO frequency: 625MHz
• RMS Phase Jitter @ 156.25MHz, (1.875MHz – 20MHz) using a
25MHz crystal: 0.54ps (typical)
• Full 3.3V supply mode
• 0°C to 70°C ambient operating temperature
• Available in lead-free (RoHS 6) package
• For functional replacement part us 8T49N241




Similar Part No. - 843252-45

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
843252 IDT-843252 Datasheet
382Kb / 17P
FemtoClock Crystal-to- 3.3V LVPECL Frequency Synthesizer
logo
Renesas Technology Corp
843252 RENESAS-843252 Datasheet
572Kb / 18P
FemtoClock® Crystal-to- 3.3V LVPECL Frequency Synthesizer
January 20, 2016
logo
Integrated Device Techn...
843252AGLF IDT-843252AGLF Datasheet
382Kb / 17P
FemtoClock Crystal-to- 3.3V LVPECL Frequency Synthesizer
843252AGLFT IDT-843252AGLFT Datasheet
382Kb / 17P
FemtoClock Crystal-to- 3.3V LVPECL Frequency Synthesizer
More results


Similar Description - 843252-45

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
8V43042 RENESAS-8V43042 Datasheet
702Kb / 20P
FemtoClock® Crystal-to-3.3V LVPECL Frequency Synthesizer
November 3, 2016
843002-01 RENESAS-843002-01 Datasheet
518Kb / 18P
FemtoClock® Crystal-to-3.3V LVPECL Frequency Synthesizer
4/6/15
843003I-01 RENESAS-843003I-01 Datasheet
431Kb / 18P
FemtoClock® Crystal-to-3.3V LVPECL Frequency Synthesizer
DECEMBER 8, 2014
843204I-01 RENESAS-843204I-01 Datasheet
386Kb / 15P
FemtoClock® Crystal-to-3.3V LVPECL Frequency Synthesizer
11/5/15
843252 RENESAS-843252 Datasheet
572Kb / 18P
FemtoClock® Crystal-to- 3.3V LVPECL Frequency Synthesizer
January 20, 2016
8430252-45 RENESAS-8430252-45 Datasheet
436Kb / 18P
FemtoClock® Crystal-to-3.3V LVPECL Frequency Synthesizer
5/27/15
8430252I-45 RENESAS-8430252I-45 Datasheet
294Kb / 17P
FemtoClock® Crystal-to-3.3V LVPECL Frequency Synthesizer
DECEMBER 9, 2014
843002 RENESAS-843002 Datasheet
571Kb / 18P
Femtoclock® Crystal-to-3.3V LVPECL Frequency Synthesizer
January 21, 2016
843004-125 RENESAS-843004-125 Datasheet
454Kb / 16P
FemtoClock® Crystal-to-3.3V LVPECL Frequency Synthesizer
January 18, 2016
843204I RENESAS-843204I Datasheet
606Kb / 17P
FemtoClock® Crystal-to-3.3V LVPECL Frequency Synthesizer
January 19, 2016
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com