Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

843004I Datasheet (PDF) - Renesas Technology Corp

843004I Datasheet PDF - Renesas Technology Corp
Part # 843004I
Download  843004I Download
File Size   534.75 Kbytes
Page   20 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClock® LVCMOS/Crystal-to-3.3V, 2.5V LVPECL Frequency Synthesizer

843004I Datasheet (PDF)

Go To PDF Page Download Datasheet
843004I Datasheet PDF - Renesas Technology Corp

Part # 843004I
Download  843004I Click to download

File Size   534.75 Kbytes
Page   20 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClock® LVCMOS/Crystal-to-3.3V, 2.5V LVPECL Frequency Synthesizer

843004I Datasheet (HTML) - Renesas Technology Corp


843004I Product details

General Description
The 843004I is a 4 output LVPECL synthesizer optimized to generate
Fibre Channel reference clock frequencies. Using a 26.5625MHz
18pF parallel resonant crystal, the following frequencies can be
generated based on the two frequency select pins (F_SEL[1:0]):
212.5MHz, 187.5MHz, 159.375MHz, 156.25MHz, 106.25MHz, and
53.125MHz. The 843004I uses IDT’s 3rd generation low phase noise
VCO technology and can achieve 1ps or lower typical rms phase
jitter, easily meeting Fibre Channel jitter requirements. The 843004I
is packaged in a small 24-pin TSSOP package.

Features
• Four 3.3V differential LVPECL output pairs
• Selectable crystal oscillator interface or LVCMOS/LVTTL
single-ended clock input
• Supports the following output frequencies: 212.5MHz, 187.5MHz,
159.375MHz, 156.25MHz, 106.25MHz, 53.125MHz
• VCO range: 560MHz – 680MHz
• Output skew: 50ps (maximum)
• RMS phase jitter @ 212.5MHz, using a 26.5625MHz crystal
(2.55MHz – 20MHz): 0.47ps (typical)
• Full 3.3V or 2.5V supply modes
• -40°C to 85°C ambient operating temperature
• Available in lead-free (RoHS 6) package




Similar Part No. - 843004I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
843004I-01 IDT-843004I-01 Datasheet
406Kb / 19P
FemtoClock Crystal-to-3.3V, 2.5V LVPECL Frequency Synthesizer
logo
Renesas Technology Corp
843004I-01 RENESAS-843004I-01 Datasheet
598Kb / 20P
FemtoClock® Crystal-to-3.3V, 2.5V LVPECL Frequency Synthesizer
January 18, 2016
logo
Integrated Device Techn...
843004I-04 IDT-843004I-04 Datasheet
239Kb / 16P
FemtoClock Crystal/LVCMOS-to- 3.3V LVPECL Frequency Synthesizer
logo
Renesas Technology Corp
843004I-04 RENESAS-843004I-04 Datasheet
497Kb / 17P
FemtoClock® Crystal/LVCMOS-to3.3V LVPECL Frequency Synthesizer
5/27/15
More results


Similar Description - 843004I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
843004I-01 IDT-843004I-01 Datasheet
406Kb / 19P
FemtoClock Crystal-to-3.3V, 2.5V LVPECL Frequency Synthesizer
843004I-04 IDT-843004I-04 Datasheet
239Kb / 16P
FemtoClock Crystal/LVCMOS-to- 3.3V LVPECL Frequency Synthesizer
ICS843004I-156 IDT-ICS843004I-156 Datasheet
246Kb / 19P
FemtoClock Crystal-to-3.3V, 2.5V LVPECL Frequency Synthesizer
logo
Renesas Technology Corp
843001I-22 RENESAS-843001I-22 Datasheet
577Kb / 22P
FemtoClock™ Crystal/LVCMOS-to-3.3V, 2.5V LVPECL Frequency Synthesizer
11/16/15
843003I-01 RENESAS-843003I-01 Datasheet
431Kb / 18P
FemtoClock® Crystal-to-3.3V LVPECL Frequency Synthesizer
DECEMBER 8, 2014
8430252-45 RENESAS-8430252-45 Datasheet
436Kb / 18P
FemtoClock® Crystal-to-3.3V LVPECL Frequency Synthesizer
5/27/15
ICS843004I-156 RENESAS-ICS843004I-156 Datasheet
435Kb / 20P
FemtoClock® Crystal-to-3.3V, 2.5V LVPECL Frequency Synthesizer
FEBRUARY 27, 2013
ICS843004I-09 RENESAS-ICS843004I-09 Datasheet
776Kb / 19P
FemtoClock® Crystal-to-3.3V, 2.5V LVPECL Frequency Synthesizer
2019
ICS843801I-24 RENESAS-ICS843801I-24 Datasheet
849Kb / 18P
FemtoClock® Crystal-to-3.3V, 2.5V LVPECL 400MHz Frequency Synthesizer
2001
843004I-01 RENESAS-843004I-01 Datasheet
598Kb / 20P
FemtoClock® Crystal-to-3.3V, 2.5V LVPECL Frequency Synthesizer
January 18, 2016
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com