Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

840004-01 Datasheet (PDF) - Renesas Technology Corp

840004-01 Datasheet PDF - Renesas Technology Corp
Part # 840004-01
Download  840004-01 Download
File Size   460.45 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClock™ Crystal-to-LVCMOS/LVTTL Frequency Synthesizer

840004-01 Datasheet (PDF)

Go To PDF Page Download Datasheet
840004-01 Datasheet PDF - Renesas Technology Corp

Part # 840004-01
Download  840004-01 Click to download

File Size   460.45 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClock™ Crystal-to-LVCMOS/LVTTL Frequency Synthesizer

840004-01 Datasheet (HTML) - Renesas Technology Corp


840004-01 Product details

General Description
The 840004-01 is a 4 output LVCMOS/LVTTL Synthesizer
optimized to generate Ethernet reference clock frequencies. Using
a 25MHz, 18pF parallel resonant crystal, the following frequencies
can be generated based on the 2 frequency select pins
(F_SEL1:0): 156.25MHz, 125MHz, and 62.5MHz. The 840004-01
uses IDT’s 3rd generation low phase noise VCO technology and
can achieve 1ps or lower typical random rms phase jitter, easily
meeting Ethernet jitter requirements. The 840004-01 is packaged
in a small 20-pin TSSOP package.

Features
• Four single-ended LVCMOS/LVTTL outputs
17 typical output impedance
• Selectable crystal oscillator interface or single-ended input
• Output frequency range: 56MHz - 175MHz
• VCO range: 560MHz - 700MHz
• RMS phase jitter at 156.25MHz (1.875MHz – 20MHz):
0.52ps (typical)
Phase Noise:
Offset Noise Power
100Hz -94.9 dBc/Hz
1kHz -119.6 dBc/Hz
10kHz -128.9 dBc/Hz
100kHz -129.2 dBc/Hz
• Full 3.3V or mixed 3.3V core/2.5V output supply modes
• 0°C to 70°C ambient operating temperature
• Available in lead-free (RoHS 6) package




Similar Part No. - 840004-01

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
840004-01 IDT-840004-01 Datasheet
271Kb / 15P
FemtoClock Crystal-to-LVCMOS/LVTTL Frequency Synthesizer
More results


Similar Description - 840004-01

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
840002I-01 IDT-840002I-01 Datasheet
279Kb / 15P
FemtoClock, Crystal-to-LVCMOS/LVTTL Frequency Synthesizer
840004-01 IDT-840004-01 Datasheet
271Kb / 15P
FemtoClock Crystal-to-LVCMOS/LVTTL Frequency Synthesizer
840024I IDT-840024I Datasheet
344Kb / 17P
FemtoClock Crystal/LVCMOS-to-LVCMOS/LVTTL Frequency Synthesizer
logo
Renesas Technology Corp
840002-01 RENESAS-840002-01 Datasheet
454Kb / 14P
FemtoClock®, Crystal-to-LVCMOS/LVTTL Frequency Synthesizer
11/12/14
840002I-01 RENESAS-840002I-01 Datasheet
468Kb / 16P
FemtoClock®, Crystal-to-LVCMOS/LVTTL Frequency Synthesizer
8/5/15
840002I RENESAS-840002I Datasheet
463Kb / 16P
FemtoClocks™ Crystal-to-LVCMOS/LVTTL Frequency Synthesizer
3/30/15
840004-11 RENESAS-840004-11 Datasheet
423Kb / 14P
FemtoClock™ Crystal-to-LVCMOS/LVTTL Frequency Synthesizer
December 7, 2015
840004I-01 RENESAS-840004I-01 Datasheet
540Kb / 18P
FemtoClock® Crystal-to-LVCMOS/ LVTTL Frequency Synthesizer
November 7, 2016
ICS8440259D-45 RENESAS-ICS8440259D-45 Datasheet
461Kb / 19P
FEMTOCLOCK™ CRYSTAL/LVCMOS-TOLVDS LVCMOS FREQUENCY SYNTHESIZER
FEBRUARY 26, 2009
840024I RENESAS-840024I Datasheet
535Kb / 18P
FemtoClock® Crystal/LVCMOS-to- LVCMOS/LVTTL Frequency Synthesizer
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com