Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

840002-01 Datasheet (PDF) - Renesas Technology Corp

840002-01 Datasheet PDF - Renesas Technology Corp
Part # 840002-01
Download  840002-01 Download
File Size   454.43 Kbytes
Page   14 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClock®, Crystal-to-LVCMOS/LVTTL Frequency Synthesizer

840002-01 Datasheet (PDF)

Go To PDF Page Download Datasheet
840002-01 Datasheet PDF - Renesas Technology Corp

Part # 840002-01
Download  840002-01 Click to download

File Size   454.43 Kbytes
Page   14 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClock®, Crystal-to-LVCMOS/LVTTL Frequency Synthesizer

840002-01 Datasheet (HTML) - Renesas Technology Corp


840002-01 Product details

General Description
The 840002-01 is a two output LVCMOS/LVTTL Synthesizer
optimized to generate Ethernet reference clock frequencies. Using a
25MHz 18pF parallel resonant crystal, the following frequencies can
be generated based on the two frequency select pins (F_SEL[1:0]):
156.25MHz, 125MHz, and 62.5MHz. The 840002-01 uses IDT’s 3RD
generation low phase noise VCO technology and can achieve 1ps or
lower typical random rms phase jitter, easily meeting Ethernet jitter
requirements. The 840002-01 is packaged in a small 16-pin TSSOP
package.

Features
• Two LVCMOS/LVTTL outputs@ 3.3V,
17 typical output impedance
• Selectable crystal oscillator interface or LVCMOS/LVTTL
single-ended TEST_CLK
• Output frequency range: 56MHz to 175MHz
• VCO range: 560MHz to 700MHz
• Output skew: 12ps (maximum)
• RMS phase jitter at 156.25MHz, (1.875MHz to 20MHz):
0.47ps (typical)
Phase Noise:
Offset Noise Power
100Hz.................-97.4 dBc/Hz
1kHz...................-120.2 dBc/Hz
10kHz.................-127.6 dBc/Hz
100kHz...............-126.1 dBc/Hz
• Full 3.3V or mixed 3.3V core/2.5V output supply modes
• -30°C to 85°C ambient operating temperat




Similar Part No. - 840002-01

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
840002 IDT-840002 Datasheet
181Kb / 13P
FEMTOCLOCKS Crystal-to-LVCMOS LVTTL Frequency Synthesizer
logo
Renesas Technology Corp
840002 RENESAS-840002 Datasheet
376Kb / 14P
FEMTOCLOCKS™ Crystal-to-LVCMOS/ LVTTL Frequency Synthesizer
NOVEMBER 10, 2014
logo
Huber+Suhner, Inc.
84000234 HUBERSUHNER-84000234 Datasheet
2Mb / 2P
COAXIAL CONNECTOR, QMA, 50 Ohm, Straight cable plug (male)
logo
Integrated Circuit Syst...
840002AG ICST-840002AG Datasheet
196Kb / 12P
FEMTOCLOCKS??CRYSTAL-TO LVCMOS/
logo
Integrated Device Techn...
840002AGI-01LF IDT-840002AGI-01LF Datasheet
279Kb / 15P
FemtoClock, Crystal-to-LVCMOS/LVTTL Frequency Synthesizer
More results


Similar Description - 840002-01

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
840002I-01 IDT-840002I-01 Datasheet
279Kb / 15P
FemtoClock, Crystal-to-LVCMOS/LVTTL Frequency Synthesizer
840004-01 IDT-840004-01 Datasheet
271Kb / 15P
FemtoClock Crystal-to-LVCMOS/LVTTL Frequency Synthesizer
840024I IDT-840024I Datasheet
344Kb / 17P
FemtoClock Crystal/LVCMOS-to-LVCMOS/LVTTL Frequency Synthesizer
logo
Renesas Technology Corp
840002I-01 RENESAS-840002I-01 Datasheet
468Kb / 16P
FemtoClock®, Crystal-to-LVCMOS/LVTTL Frequency Synthesizer
8/5/15
840004-01 RENESAS-840004-01 Datasheet
460Kb / 16P
FemtoClock™ Crystal-to-LVCMOS/LVTTL Frequency Synthesizer
4/2/15
840004-11 RENESAS-840004-11 Datasheet
423Kb / 14P
FemtoClock™ Crystal-to-LVCMOS/LVTTL Frequency Synthesizer
December 7, 2015
840004I-01 RENESAS-840004I-01 Datasheet
540Kb / 18P
FemtoClock® Crystal-to-LVCMOS/ LVTTL Frequency Synthesizer
November 7, 2016
ICS840N021I-01 RENESAS-ICS840N021I-01 Datasheet
939Kb / 13P
FemtoClock® NG Crystal-to-LVCMOS/LVTTL Clock Synthesizer
2019
ICS8440258-46 RENESAS-ICS8440258-46 Datasheet
472Kb / 24P
FemtoClock® Crystal/LVCMOS-to- LVDS/LVCMOS Frequency Synthesizer
2019
840024I RENESAS-840024I Datasheet
535Kb / 18P
FemtoClock® Crystal/LVCMOS-to- LVCMOS/LVTTL Frequency Synthesizer
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com