Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

840002 Datasheet (PDF) - Renesas Technology Corp

840002 Datasheet PDF - Renesas Technology Corp
Part # 840002
Download  840002 Download
File Size   376.58 Kbytes
Page   14 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FEMTOCLOCKS™ Crystal-to-LVCMOS/ LVTTL Frequency Synthesizer

840002 Datasheet (PDF)

Go To PDF Page Download Datasheet
840002 Datasheet PDF - Renesas Technology Corp

Part # 840002
Download  840002 Click to download

File Size   376.58 Kbytes
Page   14 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FEMTOCLOCKS™ Crystal-to-LVCMOS/ LVTTL Frequency Synthesizer

840002 Datasheet (HTML) - Renesas Technology Corp


840002 Product details

GENERAL DESCRIPTION
The 840002 is a 2 output LVCMOS/LVTTL Synthesizer optimized
to generate Fibre Channel reference clock frequencies. Using a
26.5625MHz, 18pF parallel resonant crystal, the following frequencies
can be generated based on the 2 frequency select pins (F_SEL1:0):
212.5MHz, 159.375MHz, 156.25MHz, 106.25MHz, and 53.125MHz.
The 840002 uses low phase noise VCO technology and can achieve
1ps or lower typical rms phase jitter, easily meeting Fibre Channel jitter
requirements. The 840002 is packaged in a 16-pin TSSOP package.

FEATURES
• Two LVCMOS outputs @ 3.3V, 17Ω typical output impedance
• Selectable crystal oscillator interface
or LVCMOS single-ended input
• Output frequency range: 46.66MHz - 233.33MHz
• VCO range: 560MHz - 700MHz
• Supports the following output frequencies: 212.5MHz,
159.375MHz, 156.25MHz, 106.25MHz and 53.125MHz
• RMS phase jitter @ 212.5MHz (637kHz - 10MHz):
0.83ps (typical)
Typical phase noise at 212.5MHz:
Offset Noise Power
100Hz ................-91.3 dBc/Hz
1kHz ..............-114.3 dBc/Hz
10kHz ..............-120.7 dBc/Hz
100kHz ..............-120.2 dBc/Hz
• Full 3.3V or 3.3V core/2.5V output supply modes
• 0°C to 70°C ambient operating temperature
• Available in lead-free RoHS compliant package




Similar Part No. - 840002

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
840002 IDT-840002 Datasheet
181Kb / 13P
FEMTOCLOCKS Crystal-to-LVCMOS LVTTL Frequency Synthesizer
logo
Renesas Technology Corp
840002-01 RENESAS-840002-01 Datasheet
454Kb / 14P
FemtoClock®, Crystal-to-LVCMOS/LVTTL Frequency Synthesizer
11/12/14
logo
Huber+Suhner, Inc.
84000234 HUBERSUHNER-84000234 Datasheet
2Mb / 2P
COAXIAL CONNECTOR, QMA, 50 Ohm, Straight cable plug (male)
logo
Integrated Circuit Syst...
840002AG ICST-840002AG Datasheet
196Kb / 12P
FEMTOCLOCKS??CRYSTAL-TO LVCMOS/
logo
Integrated Device Techn...
840002AGI-01LF IDT-840002AGI-01LF Datasheet
279Kb / 15P
FemtoClock, Crystal-to-LVCMOS/LVTTL Frequency Synthesizer
More results


Similar Description - 840002

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS840001-34 ICST-ICS840001-34 Datasheet
167Kb / 9P
FEMTOCLOCKS??CRYSTAL-TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
ICS840002 ICST-ICS840002 Datasheet
205Kb / 13P
FEMTOCLOCKS??CRYSTAL-TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
ICS840004-11 ICST-ICS840004-11 Datasheet
172Kb / 10P
FEMTOCLOCKS??CRYSTAL-TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
ICS840004I ICST-ICS840004I Datasheet
168Kb / 11P
FEMTOCLOCKS??CRYSTAL-TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
REV. A JUNE 28, 2005
ICS840008-01 ICST-ICS840008-01 Datasheet
192Kb / 13P
FEMTOCLOCKS??CRYSTAL-TO-LVCMOS/LVTTL FREQUENCY SYNTHESIZER
REV. A APRIL 7, 2005
ICS840021I ICST-ICS840021I Datasheet
186Kb / 11P
FEMTOCLOCKS??CRYSTAL-TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
REV. A MAY 19, 2005
logo
Integrated Device Techn...
840001I-34 IDT-840001I-34 Datasheet
197Kb / 15P
Femtoclocks Crystal-to-LVCMOS/LVTTL Frequency Synthesizer
logo
Renesas Technology Corp
840001I-34 RENESAS-840001I-34 Datasheet
385Kb / 16P
Femtoclocks™ Crystal-to-LVCMOS/LVTTL Frequency Synthesizer
January 15, 2016
840002I RENESAS-840002I Datasheet
463Kb / 16P
FemtoClocks™ Crystal-to-LVCMOS/LVTTL Frequency Synthesizer
3/30/15
840004 RENESAS-840004 Datasheet
423Kb / 16P
FemtoClocks™ Crystal-to-LVCMOS/LVTTL Frequency Synthesizer
4/1/15
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com