Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

840004 Datasheet (PDF) - Renesas Technology Corp

840004 Datasheet PDF - Renesas Technology Corp
Part # 840004
Download  840004 Download
File Size   423.01 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClocks™ Crystal-to-LVCMOS/LVTTL Frequency Synthesizer

840004 Datasheet (PDF)

Go To PDF Page Download Datasheet
840004 Datasheet PDF - Renesas Technology Corp

Part # 840004
Download  840004 Click to download

File Size   423.01 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClocks™ Crystal-to-LVCMOS/LVTTL Frequency Synthesizer

840004 Datasheet (HTML) - Renesas Technology Corp


840004 Product details

GENERAL DESCRIPTION
The 840004 is a 4 output LVCMOS/LVTTL Synthesizer optimized
to generate Ethernet reference clock frequencies and is a member
of the HiPerClocksTM family of high performance clock solutions
from IDT. Using a 26.5625MHz, 18pF parallel resonant crystal, the
following frequencies can be generated based on the 2 frequency
select pins (F_SEL1:0): 212.5MHz, 159.375MHz, 156.25MHz,
106.25MHz, and 53.125MHz. The 840004 uses IDT’s 3rd generation
low phase noise VCO technology and can achieve 1ps or lower
typical random rms phase jitter, easily meeting Ethernet jitter
requirements. The 840004 is packaged in a small 20-pin TSSOP
package.

FEATURES
• Four LVCMOS/LVTTL outputs, 17Ω typical output impedance
• Selectable crystal oscillator interface
or LVCMOS single-ended input
• Supports the following input frequencies: 212.5MHz,
159.375MHz, 156.25MHz, 106.25MHz and 53.125MHz
• VCO range: 560MHz - 700MHz
• RMS phase jitter @ 212.5MHz (637kHz - 10MHz):
0.49ps typical, VDDO = 3.3V
Phase noise:
Offset Noise Power
100Hz ................-88.8 dBc/Hz
1kHz ..............-109.0 dBc/Hz
10kHz ..............-116.1 dBc/Hz
100kHz ..............-117.5 dBc/Hz
• Full 3.3V or mixed 3.3V core/2.5V output supply mode
• 0°C to 70°C ambient operating temperature
• Available in lead-free (RoHS 6) package




Similar Part No. - 840004

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
840004-01 IDT-840004-01 Datasheet
271Kb / 15P
FemtoClock Crystal-to-LVCMOS/LVTTL Frequency Synthesizer
logo
Renesas Technology Corp
840004-01 RENESAS-840004-01 Datasheet
460Kb / 16P
FemtoClock™ Crystal-to-LVCMOS/LVTTL Frequency Synthesizer
4/2/15
840004-11 RENESAS-840004-11 Datasheet
423Kb / 14P
FemtoClock™ Crystal-to-LVCMOS/LVTTL Frequency Synthesizer
December 7, 2015
logo
Integrated Device Techn...
840004AG-01LF IDT-840004AG-01LF Datasheet
271Kb / 15P
FemtoClock Crystal-to-LVCMOS/LVTTL Frequency Synthesizer
840004AG-01LFT IDT-840004AG-01LFT Datasheet
271Kb / 15P
FemtoClock Crystal-to-LVCMOS/LVTTL Frequency Synthesizer
More results


Similar Description - 840004

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS840001-34 ICST-ICS840001-34 Datasheet
167Kb / 9P
FEMTOCLOCKS??CRYSTAL-TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
ICS840002 ICST-ICS840002 Datasheet
205Kb / 13P
FEMTOCLOCKS??CRYSTAL-TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
ICS840004-11 ICST-ICS840004-11 Datasheet
172Kb / 10P
FEMTOCLOCKS??CRYSTAL-TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
ICS840004I ICST-ICS840004I Datasheet
168Kb / 11P
FEMTOCLOCKS??CRYSTAL-TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
REV. A JUNE 28, 2005
ICS840008-01 ICST-ICS840008-01 Datasheet
192Kb / 13P
FEMTOCLOCKS??CRYSTAL-TO-LVCMOS/LVTTL FREQUENCY SYNTHESIZER
REV. A APRIL 7, 2005
ICS840021I ICST-ICS840021I Datasheet
186Kb / 11P
FEMTOCLOCKS??CRYSTAL-TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
REV. A MAY 19, 2005
logo
Integrated Device Techn...
840001I-34 IDT-840001I-34 Datasheet
197Kb / 15P
Femtoclocks Crystal-to-LVCMOS/LVTTL Frequency Synthesizer
logo
Renesas Technology Corp
840001I-34 RENESAS-840001I-34 Datasheet
385Kb / 16P
Femtoclocks™ Crystal-to-LVCMOS/LVTTL Frequency Synthesizer
January 15, 2016
840002 RENESAS-840002 Datasheet
376Kb / 14P
FEMTOCLOCKS™ Crystal-to-LVCMOS/ LVTTL Frequency Synthesizer
NOVEMBER 10, 2014
840002I RENESAS-840002I Datasheet
463Kb / 16P
FemtoClocks™ Crystal-to-LVCMOS/LVTTL Frequency Synthesizer
3/30/15
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com