Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

843003 Datasheet (PDF) - Renesas Technology Corp

843003 Datasheet PDF - Renesas Technology Corp
Part # 843003
Download  843003 Download
File Size   571.58 Kbytes
Page   22 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClocks™ Crystal-to-3.3V LVPECL Frequency Synthesizer

843003 Datasheet (PDF)

Go To PDF Page Download Datasheet
843003 Datasheet PDF - Renesas Technology Corp

Part # 843003
Download  843003 Click to download

File Size   571.58 Kbytes
Page   22 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClocks™ Crystal-to-3.3V LVPECL Frequency Synthesizer

843003 Datasheet (HTML) - Renesas Technology Corp


843003 Product details

General Description
The 843003 is a 3 differential output LVPECL Synthesizer
designed to generate Ethernet refer- ence clock frequencies.
Using a 31.25MHz or 26.041666MHz, 18pF parallel resonant
crystal, the following frequencies can be generated based on the
settings of 4 fre- quency select pins (DIV_SEL[A1:A0],
DIV_SEL[B1:B0]): 625MHz, 312.5MHz, 156.25MHz, and
125MHz. The 843003 has 2 output banks, Bank A with 1
differential LVPECL output pair and Bank B with 2 differential
LVPECL output pairs.
The two banks have their own dedicated frequency select pins and
can be independently set for the frequencies mentioned above.
The 843003 uses IDT’s 3rd generation low phase noise VCO
technology and can achieve 1ps or lower typical rms phase jitter,
easily meeting Ethernet jitter requirements. The 843003 is
packaged in a small 24-pin TSSOP package.

Features
• Three 3.3V LVPECL outputs on two banks, A Bank with one
LVPECL pair and B Bank with 2 LVPECL output pairs
• Using a 31.25MHz or 26.041666 crystal, the two output banks
can be independently set for 625MHz, 312.5MHz, 156.25MHz
or 125MHz
• Selectable crystal oscillator interface
or LVCMOS/LVTTL single-ended input
• VCO range: 560MHz – 700MHz
• RMS phase jitter @ 156.25MHz (1.875MHz - 20MHz):
0.51ps (typical)
Offset Noise Power
100Hz ................ -96.8 dBc/Hz
1kHz .................. -119.1 dBc/Hz
10kHz ................ -126.4 dBc/Hz
100kHz .............. -127.0 dBc/Hz
• Full 3.3V supply mode
• 0°C to 70°C ambient operating temperature
• Industrial temperature available upon request
• Available in ead-free (RoHS 6) package




Similar Part No. - 843003

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
843003 IDT-843003 Datasheet
378Kb / 21P
FemtoClocks Crystal-to-3.3V LVPECL Frequency Synthesizer
843003AG IDT-843003AG Datasheet
1Mb / 21P
FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
843003AGLF IDT-843003AGLF Datasheet
1Mb / 21P
FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
843003AGLFT IDT-843003AGLFT Datasheet
1Mb / 21P
FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
843003AGT IDT-843003AGT Datasheet
1Mb / 21P
FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
More results


Similar Description - 843003

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS843003 ICST-ICS843003 Datasheet
295Kb / 17P
FEMTOCLOCKS CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
REV. A JULY 27, 2004
ICS843001-21 ICST-ICS843001-21 Datasheet
191Kb / 15P
FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
REV. A OCTOBER 26, 2005
ICS843252 ICST-ICS843252 Datasheet
196Kb / 15P
FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
REV. A NOVEMBER 9, 2005
logo
Integrated Device Techn...
ICS843242 IDT-ICS843242 Datasheet
287Kb / 16P
FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
ICS843003I-09 IDT-ICS843003I-09 Datasheet
702Kb / 17P
FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
843003AGLF IDT-843003AGLF Datasheet
1Mb / 21P
FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
843003 IDT-843003 Datasheet
378Kb / 21P
FemtoClocks Crystal-to-3.3V LVPECL Frequency Synthesizer
843256I IDT-843256I Datasheet
272Kb / 17P
FemtoClocks Crystal-to-3.3V LVPECL Frequency Synthesizer
logo
Renesas Technology Corp
843001-21 RENESAS-843001-21 Datasheet
398Kb / 18P
FemtoClocks™ Crystal-to-3.3V LVPECL Frequency Synthesizer
5/20/16
843004 RENESAS-843004 Datasheet
356Kb / 20P
FemtoClocks™ LVCMOS/Crystal-to-3.3V LVPECL Frequency Synthesizer
5/26/15
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com