Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

843004 Datasheet (PDF) - Renesas Technology Corp

843004 Datasheet PDF - Renesas Technology Corp
Part # 843004
Download  843004 Download
File Size   356.22 Kbytes
Page   20 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClocks™ LVCMOS/Crystal-to-3.3V LVPECL Frequency Synthesizer

843004 Datasheet (PDF)

Go To PDF Page Download Datasheet
843004 Datasheet PDF - Renesas Technology Corp

Part # 843004
Download  843004 Click to download

File Size   356.22 Kbytes
Page   20 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClocks™ LVCMOS/Crystal-to-3.3V LVPECL Frequency Synthesizer

843004 Datasheet (HTML) - Renesas Technology Corp


843004 Product details

General Description
The 843004 is a 4 output LVPECL synthesizer optimized to
generate Fibre Channel reference clock frequencies and is a
member of the HiPerClocksTM family of high performance clock
solutions from IDT. Using a 26.5625MHz 18pF parallel resonant
crystal, the following frequencies can be generated based on the 2
frequency select pins (F_SEL[1:0]): 212.5MHz, 187.5MHz,
159.375MHz, 156.25, 106.25MHz, and 53.125MHz. The 843004
uses IDT’s 3rd generation low phase noise VCO technology and
can achieve 1ps or lower typical rms phase jitter, easily meeting
Fibre Channel jitter requirements. The 843004 is packaged in a
small 24-pin TSSOP package.

Features
• Four 3.3Vdifferential LVPECL output pairs
• Selectable crystal oscillator interface
or LVCMOS/LVTTL single-ended clock input
• Supports the following output frequencies: 212.5MHz,
187.5MHz, 159.375MHz, 156.25MHz, 106.25MHz, 53.125MHz
• VCO range: 560MHz – 680MHz
• RMS phase jitter @ 212.5MHz, using a 26.5625MHz crystal
(637kHz – 10MHz): 0.72ps (typical)
Offset Noise Power
100Hz ................ -95.0 dBc/Hz
1kHz .................. -114.3 dBc/Hz
10kHz ................ -123.8 dBc/Hz
100kHz .............. -124.6 dBc/Hz
• Full 3.3V supply mode
• -30°C to 85°C ambient operating temperature
• Available in lead-free (RoHS 6) package




Similar Part No. - 843004

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
843004-01 IDT-843004-01 Datasheet
288Kb / 17P
Femtoclocks Crystal-to-3.3V LVPECL Frequency Synthesizer
logo
Renesas Technology Corp
843004-01 RENESAS-843004-01 Datasheet
480Kb / 18P
Femtoclocks® Crystal-to-3.3V LVPECL Frequency Synthesizer
January 18, 2016
logo
Integrated Device Techn...
843004-125 IDT-843004-125 Datasheet
264Kb / 15P
FemtoClock Crystal-to-3.3V LVPECL Frequency Synthesizer
logo
Renesas Technology Corp
843004-125 RENESAS-843004-125 Datasheet
454Kb / 16P
FemtoClock® Crystal-to-3.3V LVPECL Frequency Synthesizer
January 18, 2016
logo
Integrated Device Techn...
843004AG-01LF IDT-843004AG-01LF Datasheet
288Kb / 17P
Femtoclocks Crystal-to-3.3V LVPECL Frequency Synthesizer
More results


Similar Description - 843004

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS843004 ICST-ICS843004 Datasheet
299Kb / 16P
FEMTOCLOCKS??LVCMOS/CRYSTAL-TO- 3.3V LVPECL FREQUENCY SYNTHESIZER
REV. A NOVEMBER 18, 2004
ICS843003 ICST-ICS843003 Datasheet
295Kb / 17P
FEMTOCLOCKS CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
REV. A JULY 27, 2004
ICS843001I-22 ICST-ICS843001I-22 Datasheet
211Kb / 17P
FEMTOCLOCKS??CRYSTAL/LVCMOS-TO-3.3V, 2.5V LVPECL FREQUENCY SYNTHESIZER
REV. A AUGUST 1, 2005
ICS843001I-23 ICST-ICS843001I-23 Datasheet
192Kb / 15P
FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL/LVCMOS FREQUENCY SYNTHESIZER
REV. B JANUARY 6, 2006
ICS843004I-04 ICST-ICS843004I-04 Datasheet
186Kb / 14P
FEMTOCLOCKS-TM CRYSTAL/LVCMOS-TO- 3.3V LVPECL FREQUENCY SYNTHESIZER
REV. A FEBRUARY 15, 2006
ICS843252 ICST-ICS843252 Datasheet
196Kb / 15P
FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
REV. A NOVEMBER 9, 2005
logo
Integrated Device Techn...
ICS843003I-09 IDT-ICS843003I-09 Datasheet
702Kb / 17P
FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
843256I IDT-843256I Datasheet
272Kb / 17P
FemtoClocks Crystal-to-3.3V LVPECL Frequency Synthesizer
logo
Renesas Technology Corp
843001-21 RENESAS-843001-21 Datasheet
398Kb / 18P
FemtoClocks™ Crystal-to-3.3V LVPECL Frequency Synthesizer
5/20/16
843003 RENESAS-843003 Datasheet
571Kb / 22P
FemtoClocks™ Crystal-to-3.3V LVPECL Frequency Synthesizer
4/7/15
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com