Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALE72F06 Datasheet (PDF) - Nais(Matsushita Electric Works)

ALE72F06 Datasheet PDF - Nais(Matsushita Electric Works)
Part # ALE72F06
Download  ALE72F06 Download
File Size   123.36 Kbytes
Page   4 Pages
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)
Description 16A Power Relay For Micro wave oven

ALE72F06 Datasheet (PDF)

Go To PDF Page Download Datasheet
ALE72F06 Datasheet PDF - Nais(Matsushita Electric Works)

Part # ALE72F06
Download  ALE72F06 Click to download

File Size   123.36 Kbytes
Page   4 Pages
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)
Description 16A Power Relay For Micro wave oven

ALE72F06 Datasheet (HTML) - Nais(Matsushita Electric Works)


ALE72F06 Product details

FEATURES
1. Ideal for magnetron and heater loads
2. Excellent heat resistance
   • This satisfies UL coil insulation class B/class F available
3. High insulation resistance
   • Creepage distance and clearances be tween contact and coil: Min. 8 mm .315 inch
   • Surge withstand voltage: Min. 10,000V
4. Low operating power
   • Nominal operating power: 400mW/ 200mW (High sensitive type)
5. A wide variety of types
   • Product line consists of 4 types with dif ferent shapes and pins
6. Conforms to the various safety standards:
   • UL/CSA, TÜV, VDE approved and SEMKO available

TYPICAL APPLICATIONS
• Microwave ovens
• Refrigerators
• OA equipment




Similar Part No. - ALE72F06

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ALE72F06 PANASONIC-ALE72F06 Datasheet
94Kb / 5P
1a 16A power relay for micro wave oven Microwave ovens Refrigerators
More results


Similar Description - ALE72F06

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ALE12B05 PANASONIC-ALE12B05 Datasheet
94Kb / 5P
1a 16A power relay for micro wave oven Microwave ovens Refrigerators
logo
SiPower Inc.
2CL4509 SIPOWER-2CL4509 Datasheet
32Kb / 2P
High Voltage Diodes for Micro-Wave Oven
logo
GETAI ELECTRONICS DEVIC...
2CL3509H GETEDZ-2CL3509H Datasheet
507Kb / 2P
High Voltage Silicon Diodes for Micro-wave oven
2CL3516H GETEDZ-2CL3516H Datasheet
507Kb / 2P
High Voltage Silicon Diodes for Micro-wave oven
2CL4516 GETEDZ-2CL4516 Datasheet
507Kb / 2P
High Voltage Silicon Diodes for Micro-wave oven
logo
DONGGUAN YOU FENG WEI E...
2CL3510 YFWDIODE-2CL3510 Datasheet
377Kb / 2P
High voltage silicon diodes for micro-wave oven
2CL4509 YFWDIODE-2CL4509 Datasheet
401Kb / 2P
High voltage silicon diodes for micro-wave oven
MTH-08 YFWDIODE-MTH-08 Datasheet
402Kb / 2P
High voltage silicon diodes for micro-wave oven
MTH-20 YFWDIODE-MTH-20 Datasheet
402Kb / 2P
High voltage silicon diodes for micro-wave oven
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com