Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALE72F06 Datasheet (PDF) - Panasonic Semiconductor

ALE72F06 Datasheet PDF - Panasonic Semiconductor
Part # ALE72F06
Download  ALE72F06 Download
File Size   94.09 Kbytes
Page   5 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description 1a 16A power relay for micro wave oven Microwave ovens Refrigerators

ALE72F06 Datasheet (PDF)

Go To PDF Page Download Datasheet
ALE72F06 Datasheet PDF - Panasonic Semiconductor

Part # ALE72F06
Download  ALE72F06 Click to download

File Size   94.09 Kbytes
Page   5 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description 1a 16A power relay for micro wave oven Microwave ovens Refrigerators

ALE72F06 Datasheet (HTML) - Panasonic Semiconductor


ALE72F06 Product details

FEATURES
1. Ideal for magnetron and heater loads
2. Excellent heat resistance
   • This satisfies UL coil insulation class B/class F available
3. High insulation resistance
   • Creepage distance and clearances be tween contact and coil: Min. 8 mm .315 inch
   • Surge withstand voltage: Min. 10,000V
4. Low operating power
   • Nominal operating power: 400mW/ 200mW (High sensitive type)
5. A wide variety of types
   • Product line consists of 4 types with dif ferent shapes and pins
6. Conforms to the various safety standards:
   • UL/CSA, TÜV, VDE approved and SEMKO available

TYPICAL APPLICATIONS
• Microwave ovens
• Refrigerators
• OA equipment




Similar Part No. - ALE72F06

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
ALE72F06 NAIS-ALE72F06 Datasheet
123Kb / 4P
16A Power Relay For Micro wave oven
More results


Similar Description - ALE72F06

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
ALE12B05 NAIS-ALE12B05 Datasheet
123Kb / 4P
16A Power Relay For Micro wave oven
logo
SiPower Inc.
2CL4509 SIPOWER-2CL4509 Datasheet
32Kb / 2P
High Voltage Diodes for Micro-Wave Oven
logo
GETAI ELECTRONICS DEVIC...
2CL3509H GETEDZ-2CL3509H Datasheet
507Kb / 2P
High Voltage Silicon Diodes for Micro-wave oven
2CL3516H GETEDZ-2CL3516H Datasheet
507Kb / 2P
High Voltage Silicon Diodes for Micro-wave oven
2CL4516 GETEDZ-2CL4516 Datasheet
507Kb / 2P
High Voltage Silicon Diodes for Micro-wave oven
logo
DONGGUAN YOU FENG WEI E...
2CL3510 YFWDIODE-2CL3510 Datasheet
377Kb / 2P
High voltage silicon diodes for micro-wave oven
2CL4509 YFWDIODE-2CL4509 Datasheet
401Kb / 2P
High voltage silicon diodes for micro-wave oven
MTH-08 YFWDIODE-MTH-08 Datasheet
402Kb / 2P
High voltage silicon diodes for micro-wave oven
MTH-20 YFWDIODE-MTH-20 Datasheet
402Kb / 2P
High voltage silicon diodes for micro-wave oven
More results




About Panasonic Semiconductor


Panasonic Semiconductor is a subsidiary of Panasonic Corporation, a Japanese electronics company.
Panasonic Semiconductor provides a wide range of products including microcontrollers, sensors, power management ICs, and other electronic components for various applications in the automotive, industrial, and consumer markets.
The company is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.
Panasonic Semiconductor has operations in several countries and is one of the leading suppliers of electronic components in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com