Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT16245BDGG Datasheet (PDF) - NXP Semiconductors

VT16245BDGG Datasheet PDF - NXP Semiconductors
Part # VT16245BDGG
Download  VT16245BDGG Download
File Size   78.84 Kbytes
Page   10 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 3.3V ABT 16-bit transceiver 3-State

VT16245BDGG Datasheet (PDF)

Go To PDF Page Download Datasheet
VT16245BDGG Datasheet PDF - NXP Semiconductors

Part # VT16245BDGG
Download  VT16245BDGG Click to download

File Size   78.84 Kbytes
Page   10 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 3.3V ABT 16-bit transceiver 3-State

VT16245BDGG Datasheet (HTML) - NXP Semiconductors


VT16245BDGG Product details

DESCRIPTION
The 74LVT16245B is a high-performance BiCMOS product designed for VCC operation at 3.3V.
   
FEATURES
• 16-bit bidirectional bus interface
• 3-State buffers
• Output capability: +64mA/-32mA
• TTL input and output switching levels
• Input and output interface capability to systems at 5V supply
• Bus-hold data inputs eliminate the need for external pull-up
    resistors to hold unused inputs
• Live insertion/extraction permitted
• Power-up 3-State
• No bus current loading when output is tied to 5V bus
• Latch-up protection exceeds 500mA per JEDEC Std 17
• ESD protection exceeds 2000V per MIL STD 883 Method 3015
    and 200V per Machine Model
   




Similar Part No. - VT16245BDGG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
VT16240ADGG PHILIPS-VT16240ADGG Datasheet
81Kb / 10P
3.3V LVT 16-bit inverting buffer/driver 3-State
1998 Feb 19
VT16240ADL PHILIPS-VT16240ADL Datasheet
81Kb / 10P
3.3V LVT 16-bit inverting buffer/driver 3-State
1998 Feb 19
VT16244B-DGG PHILIPS-VT16244B-DGG Datasheet
80Kb / 10P
3.3V LVT 16-bit buffer/driver 3-State
1998 Oct 07
VT16244BDGG PHILIPS-VT16244BDGG Datasheet
80Kb / 10P
3.3V LVT 16-bit buffer/driver 3-State
1998 Oct 07
VT16244BDL PHILIPS-VT16244BDL Datasheet
80Kb / 10P
3.3V LVT 16-bit buffer/driver 3-State
1998 Oct 07
More results


Similar Description - VT16245BDGG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVT16245 PHILIPS-74ALVT16245 Datasheet
95Kb / 12P
2.5V/3.3V ALVT 16-bit transceiver 3-State
1998 Feb 13
74ALVT16953 PHILIPS-74ALVT16953 Datasheet
100Kb / 14P
2.5V/3.3V 16-bit registered transceiver 3-State
1998 Mar 26
74LVT16541A PHILIPS-74LVT16541A Datasheet
45Kb / 5P
3.3V ABT 16-bit buffer/driver 3-State
July 1994
74LVT16543A PHILIPS-74LVT16543A Datasheet
93Kb / 12P
3.3V LVT 16-bit registered transceiver 3-State
1998 Feb 19
74LVT16646A PHILIPS-74LVT16646A Datasheet
114Kb / 21P
3.3V ABT 16-bit bus transceiver 3-State
Rev. 03-12 January 2005
logo
Texas Instruments
SN74LVT162245A TI-SN74LVT162245A Datasheet
481Kb / 15P
3.3V ABT 16 BIT BUS TRANSCEIVERS WITH 3 STATE OUTPUTS
SN74LVTH16543-EP TI1-SN74LVTH16543-EP Datasheet
304Kb / 12P
3.3-V ABT 16-BIT REGISTERED TRANSCEIVER 3-STATE OUTPUTS
SN74LVTH16646-EP TI1-SN74LVTH16646-EP Datasheet
334Kb / 12P
3.3-V ABT 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVTH162245-EP TI1-SN74LVTH162245-EP Datasheet
348Kb / 12P
3.3-V ABT 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVTH16245A-Q1 TI1-SN74LVTH16245A-Q1 Datasheet
158Kb / 9P
3.3-V ABT 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com