Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT16244BDL Datasheet (PDF) - NXP Semiconductors

VT16244BDL Datasheet PDF - NXP Semiconductors
Part # VT16244BDL
Download  VT16244BDL Download
File Size   80.92 Kbytes
Page   10 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 3.3V LVT 16-bit buffer/driver 3-State

VT16244BDL Datasheet (PDF)

Go To PDF Page Download Datasheet
VT16244BDL Datasheet PDF - NXP Semiconductors

Part # VT16244BDL
Download  VT16244BDL Click to download

File Size   80.92 Kbytes
Page   10 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 3.3V LVT 16-bit buffer/driver 3-State

VT16244BDL Datasheet (HTML) - NXP Semiconductors


VT16244BDL Product details

DESCRIPTION
The 74LVT16244B is a high-performance BiCMOS product designed for VCC operation at 3.3V.
This device is a 16-bit buffer and line driver featuring non-inverting 3-State bus outputs. The device can be used as four 4-bit buffers, two 8-bit buffers, or one 16-bit buffer.

FEATURES
• 16-bit bus interface
• 3-State buffers
• Output capability: +64mA/-32mA
• TTL input and output switching levels
• Input and output interface capability to systems at 5V supply
• Bus-hold data inputs eliminate the need for external pull-up resistors to hold unused inputs
• Live insertion/extraction permitted
• Power-up 3-State
• No bus current loading when output is tied to 5V bus
• Latch-up protection exceeds 500mA per JEDEC Std 17
• ESD protection exceeds 2000V per MIL STD 883 Method 3015 and 200V per Machine Model




Similar Part No. - VT16244BDL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
VT16240ADGG PHILIPS-VT16240ADGG Datasheet
81Kb / 10P
3.3V LVT 16-bit inverting buffer/driver 3-State
1998 Feb 19
VT16240ADL PHILIPS-VT16240ADL Datasheet
81Kb / 10P
3.3V LVT 16-bit inverting buffer/driver 3-State
1998 Feb 19
VT16245BDGG PHILIPS-VT16245BDGG Datasheet
78Kb / 10P
3.3V ABT 16-bit transceiver 3-State
1998 Feb 19
VT16245BDL PHILIPS-VT16245BDL Datasheet
78Kb / 10P
3.3V ABT 16-bit transceiver 3-State
1998 Feb 19
More results


Similar Description - VT16244BDL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVC16244 PHILIPS-74ALVC16244 Datasheet
84Kb / 10P
2.5V/3.3V 16-bit buffer/line driver 3-State
1998 Jun 29
74ALVT16241 PHILIPS-74ALVT16241 Datasheet
84Kb / 10P
2.5V/3.3V ALVT 16-bit buffer/driver 3-State
1998 Feb 13
74ALVT16244 PHILIPS-74ALVT16244 Datasheet
84Kb / 10P
2.5V/3.3V 16-bit buffer/driver 3-State
1998 Oct 07
74ALVT16541 PHILIPS-74ALVT16541 Datasheet
81Kb / 10P
2.5V/3.3V 16-bit buffer/driver 3-State
1998 Feb 13
74LVT162240A PHILIPS-74LVT162240A Datasheet
70Kb / 10P
3.3V LVT 16-bit inverting buffer/driver with 30ohm termination resistors 3-State
1998 Feb 19
74LVT16240A PHILIPS-74LVT16240A Datasheet
81Kb / 10P
3.3V LVT 16-bit inverting buffer/driver 3-State
1998 Feb 19
74LVT16541A PHILIPS-74LVT16541A Datasheet
45Kb / 5P
3.3V ABT 16-bit buffer/driver 3-State
July 1994
74LVT16543A PHILIPS-74LVT16543A Datasheet
93Kb / 12P
3.3V LVT 16-bit registered transceiver 3-State
1998 Feb 19
74ALVT16244 PHILIPS-74ALVT16244_15 Datasheet
89Kb / 10P
2.5V/3.3V 16-bit buffer/driver (3-State)
1998 Oct 07
logo
Integrated Device Techn...
IDT74ALVC162244 IDT-IDT74ALVC162244_09 Datasheet
91Kb / 6P
3.3V CMOS 16-BIT BUFFER/DRIVER 3-STATE OUTPUTS
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com