Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT16373ADGG Datasheet (PDF) - NXP Semiconductors

VT16373ADGG Datasheet PDF - NXP Semiconductors
Part # VT16373ADGG
Download  VT16373ADGG Download
File Size   86.12 Kbytes
Page   10 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 3.3V LVT 16-bit transparent D-type latch 3-State

VT16373ADGG Datasheet (PDF)

Go To PDF Page Download Datasheet
VT16373ADGG Datasheet PDF - NXP Semiconductors

Part # VT16373ADGG
Download  VT16373ADGG Click to download

File Size   86.12 Kbytes
Page   10 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 3.3V LVT 16-bit transparent D-type latch 3-State

VT16373ADGG Datasheet (HTML) - NXP Semiconductors


VT16373ADGG Product details

DESCRIPTION
The 74LVT16373A is a high-performance BiCMOS product designed for VCC operation at 3.3V.
This device is a 16-bit transparent D-type latch with non-inverting 3-State bus compatible outputs. The device can be used as two 8-bit latches or one 16-bit latch. When enable (E) input is High, the Q outputs follow the data (D) inputs. When enable is taken Low, the Q outputs are latched at the levels of the D inputs one setup time prior to the High-to-Low transition.

FEATURES
• 16-bit transparent latch
• 3-State buffers
• Output capability: +64mA/-32mA
• TTL input and output switching levels
• Input and output interface capability to systems at 5V supply
• Bus-hold data inputs eliminate the need for external pull-up
   resistors to hold unused inputs
• Live insertion/extraction permitted
• Power-up reset
• Power-up 3-State
• No bus current loading when output is tied to 5V bus
• Latch-up protection exceeds 500mA per JEDEC Std 17
• ESD protection exceeds 2000V per MIL STD 883 Method 3015
   and 200V per Machine Model




Similar Part No. - VT16373ADGG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
VT16374ADGG PHILIPS-VT16374ADGG Datasheet
86Kb / 10P
3.3V LVT 16-bit edge-triggered D-type flip-flop 3-State
1999 Oct 18
VT16374ADL PHILIPS-VT16374ADL Datasheet
86Kb / 10P
3.3V LVT 16-bit edge-triggered D-type flip-flop 3-State
1999 Oct 18
More results


Similar Description - VT16373ADGG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVCH16373 PHILIPS-74ALVCH16373 Datasheet
96Kb / 12P
2.5V/3.3V 16-bit D-type transparent latch 3-State
1999 Sep 20
74ALVT16373 PHILIPS-74ALVT16373 Datasheet
99Kb / 12P
2.5V/3.3V 16-bit transparent D-type latch 3-State
1999 Oct 18
74LVT162373 PHILIPS-74LVT162373 Datasheet
121Kb / 12P
3.3 V LVT 16-bit transparent D-type latch with 30 ohm termination resistors 3-State
1999 Sep 23
74LVT573 PHILIPS-74LVT573 Datasheet
99Kb / 12P
3.3V Octal D-type transparent latch 3-State
1998 Feb 19
logo
Texas Instruments
SN74LVC16373A TI-SN74LVC16373A_06 Datasheet
329Kb / 15P
16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ALVCH16373 TI-SN74ALVCH16373_07 Datasheet
488Kb / 19P
16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
NXP Semiconductors
74ALVT16373_3 PHILIPS-74ALVT16373_3_15 Datasheet
116Kb / 12P
2.5V/3.3V 16-bit transparent D-type latch (3-State)
1999 Oct 18
logo
Integrated Device Techn...
IDT74LVC16373A IDT-IDT74LVC16373A_15 Datasheet
106Kb / 6P
3.3V CMOS 16-BIT TRANSPARENT D-TYPE LATCH
IDT74LVCH162373A IDT-IDT74LVCH162373A Datasheet
223Kb / 6P
3.3V CMOS 16-BIT TRANSPARENT D-TYPE LATCH
logo
Nexperia B.V. All right...
74ALVT16373 NEXPERIA-74ALVT16373 Datasheet
243Kb / 14P
16-bit transparent D-type latch; 3-state
Rev. 5 - 14 July 2021
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com