Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BF550 Datasheet (PDF) - Nexperia B.V. All rights reserved

BF550 Datasheet PDF - Nexperia B.V. All rights reserved
Part # BF550
Download  BF550 Download
File Size   273.07 Kbytes
Page   7 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description PNP medium frequency transistor

BF550 Datasheet (PDF)

Go To PDF Page Download Datasheet
BF550 Datasheet PDF - Nexperia B.V. All rights reserved

Part # BF550
Download  BF550 Click to download

File Size   273.07 Kbytes
Page   7 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description PNP medium frequency transistor

BF550 Datasheet (HTML) - Nexperia B.V. All rights reserved


BF550 Product details

FEATURES
•Low current (max. 25 mA)
•Low voltage (max. 40 V).




Similar Part No. - BF550

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BF550 PHILIPS-BF550 Datasheet
41Kb / 8P
PNP medium frequency transistor
1999 Apr 15
logo
Siemens Semiconductor G...
BF550 SIEMENS-BF550 Datasheet
92Kb / 5P
PNP Silicon RF Transistor (For common emitter amplifier stages up to 300 MHz For mixer applications in AM/FM radios and VHF TV tuners)
logo
Guangdong Kexin Industr...
BF550 KEXIN-BF550 Datasheet
36Kb / 1P
PNP Medium Frequency Transistor
logo
NXP Semiconductors
BF550 NXP-BF550 Datasheet
100Kb / 6P
PNP medium frequency transistor
2004 Jan 16
BF550 PHILIPS-BF550_15 Datasheet
100Kb / 6P
PNP medium frequency transistor
2004 Jan 16
More results


Similar Description - BF550

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BF450 PHILIPS-BF450 Datasheet
54Kb / 8P
PNP medium frequency transistor
1997 Jul 11
BF550 PHILIPS-BF550 Datasheet
41Kb / 8P
PNP medium frequency transistor
1999 Apr 15
BF824 PHILIPS-BF824 Datasheet
41Kb / 8P
PNP medium frequency transistor
1999 Apr 15
logo
Guangdong Kexin Industr...
BF550 KEXIN-BF550 Datasheet
36Kb / 1P
PNP Medium Frequency Transistor
BF824W KEXIN-BF824W Datasheet
46Kb / 1P
PNP Medium Frequency Transistor
logo
NXP Semiconductors
BF824 NXP-BF824 Datasheet
104Kb / 6P
PNP medium frequency transistor
2004 Jan 16
BF824 PHILIPS-BF824_15 Datasheet
104Kb / 6P
PNP medium frequency transistor
2004 Jan 16
BF824W PHILIPS-BF824W_15 Datasheet
105Kb / 6P
PNP medium frequency transistor
1999 Apr 15
BF550 PHILIPS-BF550_15 Datasheet
100Kb / 6P
PNP medium frequency transistor
2004 Jan 16
logo
Nexperia B.V. All right...
BF824 NEXPERIA-BF824 Datasheet
282Kb / 7P
PNP medium frequency transistor
2004 Jan 16
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com