Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BF550 Datasheet (PDF) - NXP Semiconductors

BF550 Datasheet PDF - NXP Semiconductors
Part # BF550
Download  BF550 Download
File Size   100.8 Kbytes
Page   6 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description PNP medium frequency transistor

BF550 Datasheet (PDF)

Go To PDF Page Download Datasheet
BF550 Datasheet PDF - NXP Semiconductors

Part # BF550
Download  BF550 Click to download

File Size   100.8 Kbytes
Page   6 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description PNP medium frequency transistor

BF550 Datasheet (HTML) - NXP Semiconductors


BF550 Product details

DESCRIPTION
PNP medium frequency transistor in a SOT23 plastic package.

FEATURES
• Low current (max. 25 mA)
• Low voltage (max. 40 V).

APPLICATIONS
• Medium frequency applications in thick and thin film circuits.




Similar Part No. - BF550

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BF550 PHILIPS-BF550 Datasheet
41Kb / 8P
PNP medium frequency transistor
1999 Apr 15
logo
Siemens Semiconductor G...
BF550 SIEMENS-BF550 Datasheet
92Kb / 5P
PNP Silicon RF Transistor (For common emitter amplifier stages up to 300 MHz For mixer applications in AM/FM radios and VHF TV tuners)
logo
Guangdong Kexin Industr...
BF550 KEXIN-BF550 Datasheet
36Kb / 1P
PNP Medium Frequency Transistor
logo
Nexperia B.V. All right...
BF550 NEXPERIA-BF550 Datasheet
273Kb / 7P
PNP medium frequency transistor
2004 Jan 16
logo
NXP Semiconductors
BF550 PHILIPS-BF550_15 Datasheet
100Kb / 6P
PNP medium frequency transistor
2004 Jan 16
More results


Similar Description - BF550

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BF450 PHILIPS-BF450 Datasheet
54Kb / 8P
PNP medium frequency transistor
1997 Jul 11
BF550 PHILIPS-BF550 Datasheet
41Kb / 8P
PNP medium frequency transistor
1999 Apr 15
BF824 PHILIPS-BF824 Datasheet
41Kb / 8P
PNP medium frequency transistor
1999 Apr 15
logo
Guangdong Kexin Industr...
BF550 KEXIN-BF550 Datasheet
36Kb / 1P
PNP Medium Frequency Transistor
BF824W KEXIN-BF824W Datasheet
46Kb / 1P
PNP Medium Frequency Transistor
logo
NXP Semiconductors
BF824 NXP-BF824 Datasheet
104Kb / 6P
PNP medium frequency transistor
2004 Jan 16
BF824 PHILIPS-BF824_15 Datasheet
104Kb / 6P
PNP medium frequency transistor
2004 Jan 16
BF824W PHILIPS-BF824W_15 Datasheet
105Kb / 6P
PNP medium frequency transistor
1999 Apr 15
BF550 PHILIPS-BF550_15 Datasheet
100Kb / 6P
PNP medium frequency transistor
2004 Jan 16
logo
Nexperia B.V. All right...
BF824 NEXPERIA-BF824 Datasheet
282Kb / 7P
PNP medium frequency transistor
2004 Jan 16
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com