Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJD45H11 Datasheet (PDF) - Nexperia B.V. All rights reserved

MJD45H11 Datasheet PDF - Nexperia B.V. All rights reserved
Part # MJD45H11
Download  MJD45H11 Download
File Size   241.7 Kbytes
Page   12 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 80 V, 8 A PNP high power bipolar transistor

MJD45H11 Datasheet (PDF)

Go To PDF Page Download Datasheet
MJD45H11 Datasheet PDF - Nexperia B.V. All rights reserved

Part # MJD45H11
Download  MJD45H11 Click to download

File Size   241.7 Kbytes
Page   12 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 80 V, 8 A PNP high power bipolar transistor

MJD45H11 Datasheet (HTML) - Nexperia B.V. All rights reserved


MJD45H11 Product details

1. General description
PNP high power bipolar transistor in a power DPAK, TO-252 (SOT428C) Surface-Mounted Device
(SMD) plastic package.
NPN complement: MJD44H11

2. Features and benefits
• High thermal power dissipation capability
• High energy efficiency due to less heat generation
• Electrically similar to popular MJD45H series
• Low collector emitter saturation voltage
• Fast switching speeds

3. Applications
• Power management
• Load switch
• Linear mode voltage regulator
• Constant current drive backlighting application
• Motor drive
• Relay replacement




Similar Part No. - MJD45H11

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJD45H11 MOTOROLA-MJD45H11 Datasheet
192Kb / 6P
SILICON POWER TRANSISTORS 8 AMPERES 80 VOLTS 20 WATTS
logo
ON Semiconductor
MJD45H11 ONSEMI-MJD45H11 Datasheet
192Kb / 6P
SILICON POWER TRANSISTORS
August, 2004 ??Rev. 6
logo
STMicroelectronics
MJD45H11 STMICROELECTRONICS-MJD45H11 Datasheet
64Kb / 5P
COMPLEMENTARY SILICON PNP TRANSISTORS
Jul-1997
logo
Fairchild Semiconductor
MJD45H11 FAIRCHILD-MJD45H11 Datasheet
42Kb / 5P
General Purpose Power and Switching Such as Output or Driver Stages in Applications D-PAK for Surface Mount Applications
logo
STMicroelectronics
MJD45H11 STMICROELECTRONICS-MJD45H11 Datasheet
152Kb / 5P
COMPLEMENTARY SILICON PNP TRANSISTORS
May-2003
More results


Similar Description - MJD45H11

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
2N5153HR STMICROELECTRONICS-2N5153HR Datasheet
557Kb / 10P
Hi-Rel PNP bipolar transistor 80 V - 5 A
12-Sep-2012
logo
Nexperia B.V. All right...
MJD42C NEXPERIA-MJD42C Datasheet
230Kb / 11P
100 V, 6 A PNP high power bipolar transistor
10 May 2021
logo
ON Semiconductor
MJK45H11 ONSEMI-MJK45H11 Datasheet
1Mb / 6P
Power Transistor 80 V, 8 A Dual General Purpose PNP
September, 2022 - Rev. 0
logo
Nexperia B.V. All right...
MJD44H11 NEXPERIA-MJD44H11 Datasheet
241Kb / 12P
80 V, 8 A NPN high power bipolar transistor
12 September 2019
MJD44H11A NEXPERIA-MJD44H11A Datasheet
242Kb / 12P
80 V, 8 A NPN high power bipolar transistor
12 September 2019
MJD45H11A NEXPERIA-MJD45H11A Datasheet
242Kb / 12P
80 V, 8 A PNP high power bipolar transistor
3 February 2021
BCX53T_SER NEXPERIA-BCX53T_SER Datasheet
238Kb / 12P
80 V, 1 A PNP power bipolar transistors
Rev. 1 - 22 August 2019
PHPT60415PY NEXPERIA-PHPT60415PY Datasheet
272Kb / 13P
40 V, 15 A PNP high power bipolar transistor
15 January 2019
PHPT60410PY NEXPERIA-PHPT60410PY Datasheet
730Kb / 16P
40 V, 10 A PNP high power bipolar transistor
21 January 2015
PHPT61010PY NEXPERIA-PHPT61010PY Datasheet
719Kb / 16P
100 V, 10 A PNP high power bipolar transistor
20 March 2015
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com